Electronic Components Datasheet Search
  English  ▼

X  

ST72321BXXX-AUTO Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST72321BXXX-AUTO
Description  8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321BXXX-AUTO Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST72321BXXX-AUTO Datasheet HTML 27Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 28Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 29Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 30Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 31Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 32Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 33Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 34Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 247 page
background image
ST72321Bxxx-Auto
Package pinout and pin description
31/247
Legend / Abbreviations for Table 2:
Type:
I = input
O = output
S = supply
Input level:
A = dedicated analog input
In/Output level:
C = CMOS 0.3VDD/0.7VDD
CT = CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
Input:
float = floating
wpu = weak pull-up
int = interrupt(a)
ana = analog
Output:
OD = open-drain(b)
PP = push-pull
62
1
PE1/RDI
I/O CT
X
X
X
X
Port E1
SCI Receive Data In
63
-(1)
PE2
I/O CT
X
X(6)
X(6) Port E2
64
-
(2)(1)
PE3
I/O CT
X
XX
X
Port E3
1.
On the chip, each I/O port may have up to 8 pads. Pads that are not bonded to external pins are in input pull-up
configuration after reset. The configuration of these pads must be kept at reset state to avoid added current consumption.
2.
On the chip, each I/O port may have up to eight pads. Pads that are not bonded to external pins are in input pull-up
configuration after reset. The configuration of these pads must be kept at reset state to avoid added current consumption.
3.
It is mandatory to connect all available VDD and VAREF pins to the supply voltage and all VSS and VSSA pins to ground.
4.
Not connected in 48 Kbyte and 64 Kbyte ROM devices
5.
OSC1 and OSC2 pins connect a crystal/ceramic resonator or an external source to the on-chip oscillator; see Chapter 1:
Introduction on page 18 and Section 19.5: Clock and timing characteristics on page 199 for more details.
6.
Pull-up always activated on PE2; see limitation Section 22.1.8: Pull-up always active on PE2 on page 244.
Table 2.
Device pin description (continued)
Pin No.
Pin name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output
a.
In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up column
(wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, otherwise
the configuration is floating interrupt input.
b.
In the open-drain output column, “T” defines a true open-drain I/O (P-Buffer and protection diode to VDD are not
implemented). See Chapter 9: I/O ports on page 75 and Section 19.8: I/O port pin characteristics on page 207
for more details.


Similar Part No. - ST72321BXXX-AUTO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72321B STMICROELECTRONICS-ST72321B Datasheet
3Mb / 187P
64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
ST72321B-D STMICROELECTRONICS-ST72321B-D Datasheet
220Kb / 6P
Raisonances complete, low-cost starter kits for STM8 and ST7
ST72321B-DRAIS STMICROELECTRONICS-ST72321B-DRAIS Datasheet
220Kb / 6P
Raisonances complete, low-cost starter kits for STM8 and ST7
ST72321BARx STMICROELECTRONICS-ST72321BARx Datasheet
2Mb / 187P
32K to 60K dual voltage High Density Flash
October 2008 Rev 5
ST72321BJx STMICROELECTRONICS-ST72321BJx Datasheet
2Mb / 187P
32K to 60K dual voltage High Density Flash
October 2008 Rev 5
More results

Similar Description - ST72321BXXX-AUTO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72F321 STMICROELECTRONICS-ST72F321 Datasheet
3Mb / 189P
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72325 STMICROELECTRONICS-ST72325 Datasheet
1Mb / 193P
8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72321 STMICROELECTRONICS-ST72321_04 Datasheet
4Mb / 189P
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72321B STMICROELECTRONICS-ST72321B Datasheet
3Mb / 187P
64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72325XX STMICROELECTRONICS-ST72325XX Datasheet
3Mb / 197P
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72321M6 STMICROELECTRONICS-ST72321M6 Datasheet
2Mb / 175P
80-pin 8-bit MCU with 32 to 60 Kbytes Flash, ADC, five timers, SPI, SCI, I2C interface
ST72F521R6TA STMICROELECTRONICS-ST72F521R6TA Datasheet
3Mb / 215P
80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com