Electronic Components Datasheet Search
  English  ▼

X  

SABRE-LL-I Datasheet(PDF) 127 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 127 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 123Page - STMicroelectronics SABRE-LL-I Datasheet HTML 124Page - STMicroelectronics SABRE-LL-I Datasheet HTML 125Page - STMicroelectronics SABRE-LL-I Datasheet HTML 126Page - STMicroelectronics SABRE-LL-I Datasheet HTML 127Page - STMicroelectronics SABRE-LL-I Datasheet HTML 128Page - STMicroelectronics SABRE-LL-I Datasheet HTML 129Page - STMicroelectronics SABRE-LL-I Datasheet HTML 130Page - STMicroelectronics SABRE-LL-I Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 141 page
background image
SABRE-LL-I
Serial interface
127/141
23
Serial interface
S.A.B.Re can communicate with an external microprocessor by using an integrated slave
SPI (Serial Protocol Interface). Through this interface almost all S.A.B.Re functionalities can
be controlled and all the ICs can be seen as a register map made by 128 register of 16-bit
each.
The SPI is a simple industry standard communications interface commonly used in
embedded systems and it has the following four I/O pins:
–
Miso (master input slave output)
–
Mosi (Master Output Slave Input)
–
sclk (serial clock [controlled by the master])
–
nSS (slave select active low [controlled by the master])
The “Miso” (master in, slave out) signal carries synchronous data from the slave to the
master device. The mosi (master out, slave in) signal carries synchronous data from the
master to the slave device. The sclk signal is driven by the master, synchronizing all data
transfers. Each SPI slave device has one nSS signal that is an active-low slave input/master
output pin. Slave devices do not respond to transactions unless their nSS input signal is
driven low. Master device interfacing with multiple SPI slave devices has an nSS signal for
each slave device.
S.A.B.Re will maintain its miso pin in high impedance until it does not recognize its address
in serial frame.
23.1
Read transaction
A read transaction (see Figure 43) is always started by the master device that lowers the
nSS pin. The other bits are then sent on the mosi pin with this order:
1.
7-bit representing the address of the register that must be read (MSB first [A6…A0]);
2.
2-bit that must be “10” for a read transaction;
3.
2-bit representing S.A.B.Re IC address;
4.
1-bit reserved for future use that must be set at “0”.
At this point the data stored in the register at the selected address will be shifted out on the
miso pin.
The read operation is terminated by raising the signal on nSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com