Electronic Components Datasheet Search
  English  ▼

X  

DS72011RB120FPV Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 99Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 100Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 101Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 102Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 103Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 104Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 105Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 106Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 1196 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 07, 2007 Page 75 of 1164
REJ09B0321-0200
The clock pulse generator blocks function as follows:
(1)
PLL Circuit 1
PLL circuit 1 multiplies the input clock frequency from the CKIO pin by 1, 2, 3, 4, 6, or 8. The
multiplication rate is set by the frequency control register. When this is done, the phase of the
rising edge of the internal clock is controlled so that it will agree with the phase of the rising edge
of the CKIO pin.
(2)
PLL Circuit 2
PLL circuit 2 multiplies the input clock frequency from the crystal oscillator or EXTAL pin by 2
or 4. The multiplication rate is fixed according to the clock operating mode. The clock operating
mode is specified by the MD_CLK1 and MD_CLK0 pins. For details on the clock operating
mode, see table 4.2.
Note that the settings of these pins cannot be changed during operation. If changed, the operation
of this LSI cannot be guaranteed.
(3)
Crystal Oscillator
The crystal oscillator is an oscillation circuit in which a crystal resonator is connected to the
XTAL pin or EXTAL pin. This can be used according to the clock operating mode.
(4)
Divider
Divider generates a clock signal at the operating frequency used by the internal or peripheral
clock. The operating frequency can be 1, 1/2, 1/3, 1/4, 1/6, 1/8, or 1/12 times the output frequency
of PLL circuit 1, as long as it stays at or above the clock frequency of the CKIO pin. The division
ratio is set in the frequency control register (FRQCR).
(5)
Clock Frequency Control Circuit
The clock frequency control circuit controls the clock frequency using the MD_CLK1 and
MD_CLK0 pins and the frequency control register (FRQCR).
(6)
Standby Control Circuit
The standby control circuit controls the states of the clock pulse generator and other modules
during clock switching, or in sleep, software, and deep standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com