Electronic Components Datasheet Search
  English  ▼

X  

R8C2C Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # R8C2C
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 97Page - Renesas Technology Corp R8C2C Datasheet HTML 98Page - Renesas Technology Corp R8C2C Datasheet HTML 99Page - Renesas Technology Corp R8C2C Datasheet HTML 100Page - Renesas Technology Corp R8C2C Datasheet HTML 101Page - Renesas Technology Corp R8C2C Datasheet HTML 102Page - Renesas Technology Corp R8C2C Datasheet HTML 103Page - Renesas Technology Corp R8C2C Datasheet HTML 104Page - Renesas Technology Corp R8C2C Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 615 page
background image
R8C/2C Group, R8C/2D Group
7. Programmable I/O Ports
Rev.2.00
Dec 05, 2007
Page 80 of 585
REJ09B0339-0200
X: 0 or 1
NOTE:
1. Pulled up by setting the PU10 bit in the PUR1 register to 1.
X: 0 or 1
NOTES:
1. Pulled up by setting the PU11 bit in the PUR1 register to 1.
2. Since the XCIN-XCOUT oscillation buffer operates with internal step-down power, the XCOUT output level cannot be used as
the CMOS level signal directly.
X: 0 or 1
NOTE:
1. Pulled up by setting the PU11 bit in the PUR1 register to 1.
Table 7.36
VREF
Register
ADCON1
Function
Bit
VCUT
Setting
Value
0
Not the pin function
1
VREF input
Table 7.37
Port P4_3/XCIN
Register
PD4
CM0
CM1
Circuit specifications
Function
Bit
PD4_3
CM04
CM10
CM12
Oscillation
buffer
Feedback
resistor
Setting
Value
00
X
X
OFF
OFF
Input port(1)
1
0
X
X
OFF
OFF
Output port
X
1
0
0
ON
ON
XCIN-XCOUT oscillation (on-chip feedback resistor
enabled)
X
1
0
1
ON
OFF
XCIN-XCOUT oscillation (on-chip feedback resistor
disabled)
X1
1
0OFF
ON
XCIN-XCOUT oscillation stop
1OFF
OFF
X1
0
0ON
ON
External XCIN input
1ON
OFF
Table 7.38
Port P4_4/XCOUT
Register
PD4
CM0
CM1
Circuit specifications
Function
Bit
PD4_4
CM04
CM10
CM12
Oscillation
buffer
Feedback
resistor
Setting
Value
00
X
X
OFF
OFF
Input port(1)
1
0
X
X
OFF
OFF
Output port
X
1
0
0
ON
ON
XCIN-XCOUT oscillation (on-chip feedback resistor
enabled)
X
1
0
1
ON
OFF
XCIN-XCOUT oscillation (on-chip feedback resistor
disabled)
X1
1
0OFF
ON
XCIN-XCOUT oscillation stop
1OFF
OFF
X1
0
0ON
ON
External XCOUT output (inverted output of XCIN)(2)
1ON
OFF
Table 7.39
Port P4_5/INT0
Register
PD4
INTEN
Function
Bit
PD4_5
INT0EN
Setting
Value
0X
Input port(1)
1
X
Output port
01
INT0 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com