Electronic Components Datasheet Search
  English  ▼

X  

R8C2C Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # R8C2C
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 102Page - Renesas Technology Corp R8C2C Datasheet HTML 103Page - Renesas Technology Corp R8C2C Datasheet HTML 104Page - Renesas Technology Corp R8C2C Datasheet HTML 105Page - Renesas Technology Corp R8C2C Datasheet HTML 106Page - Renesas Technology Corp R8C2C Datasheet HTML 107Page - Renesas Technology Corp R8C2C Datasheet HTML 108Page - Renesas Technology Corp R8C2C Datasheet HTML 109Page - Renesas Technology Corp R8C2C Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 615 page
background image
R8C/2C Group, R8C/2D Group
7. Programmable I/O Ports
Rev.2.00
Dec 05, 2007
Page 85 of 585
REJ09B0339-0200
X: 0 or 1
NOTE:
1. Pulled up by setting the PU14 bit in the PUR1 register to 1.
NOTE:
1. Pulled up by setting the PU14 bit in the PUR1 register to 1.
NOTE:
1. Pulled up by setting the PU14 bit in the PUR1 register to 1.
X: 0 or 1
NOTE:
1. Pulled up by setting the PU14 bit in the PUR1 register to 1.
NOTE:
1. Pulled up by setting the PU15 bit in the PUR1 register to 1.
Table 7.54
Port P6_0/TREO
Register
PD6
TRECR1
Function
Bit
PD6_0
TOENA
Setting
Value
00
Input port(1)
1
0
Output port
X
1
TREO output
Table 7.55
Port P6_1
Register
PD6
Function
Bit
PD6_1
Setting
Value
0
Input port(1)
1
Output port
Table 7.56
Port P6_2
Register
PD6
Function
Bit
PD6_2
Setting
Value
0
Input port(1)
1
Output port
Table 7.57
Port P6_3/TXD2
Register
PD6
U2MR
U2C0
Function
Bit
PD6_3
SMD2
SMD1
SMD0
NCH
Setting
Value
0
000
X
Input port(1)
XX
X
1
000
X
Output port
XX
X
X
001
0
TXD2 output (CMOS output)
100
101
110
X
001
1
TXD2 output (N-channel open-drain
output)
100
101
110
Table 7.58
Port P6_4/RXD2
Register
PD6
Function
Bit
PD6_4
Setting
Value
0
Input port(1)
1
Output port
0
RXD2 input(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com