Electronic Components Datasheet Search
  English  ▼

X  

SH7104 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # SH7104
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7104 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button SH7104 Datasheet HTML 109Page - Renesas Technology Corp SH7104 Datasheet HTML 110Page - Renesas Technology Corp SH7104 Datasheet HTML 111Page - Renesas Technology Corp SH7104 Datasheet HTML 112Page - Renesas Technology Corp SH7104 Datasheet HTML 113Page - Renesas Technology Corp SH7104 Datasheet HTML 114Page - Renesas Technology Corp SH7104 Datasheet HTML 115Page - Renesas Technology Corp SH7104 Datasheet HTML 116Page - Renesas Technology Corp SH7104 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 560 page
background image
Section 6 Interrupt Controller (INTC)
Rev.1.00 Sep. 18, 2008 Page 79 of 522
REJ09B0069-0100
6.3.3
IRQ Status Register (ISR)
ISR is a 16-bit register that indicates the interrupt request status of the external interrupt input pins
IRQ0 to IRQ3. When IRQ interrupts are set to edge detection, held interrupt requests can be
withdrawn by writing 0 to IRQnF after reading IRQnF = 1.
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
7
6
5
4
IRQ0F
IRQ1F
IRQ2F
IRQ3F
0
0
0
0
R/W
R/W
R/W
R/W
IRQ0 to IRQ3 Flags
These bits display the IRQ0 to IRQ3 interrupt request
status.
[Setting condition]
• When interrupt source that is selected by ICR1 and
ICR2 has occurred.
[Clearing conditions]
• When 0 is written after reading IRQnF = 1
• When interrupt exception processing has been
executed at high level of
IRQn input under the low
level detection mode.
• When IRQn interrupt exception processing has been
executed under the edge detection mode of falling
edge, rising edge, or both falling and rising edges.
3 to 0
⎯
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com