Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 195Page - Renesas Technology Corp R8C/13 Datasheet HTML 196Page - Renesas Technology Corp R8C/13 Datasheet HTML 197Page - Renesas Technology Corp R8C/13 Datasheet HTML 198Page - Renesas Technology Corp R8C/13 Datasheet HTML 199Page - Renesas Technology Corp R8C/13 Datasheet HTML 200Page - Renesas Technology Corp R8C/13 Datasheet HTML 201Page - Renesas Technology Corp R8C/13 Datasheet HTML 202Page - Renesas Technology Corp R8C/13 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 224 page
background image
R8C/13 Group
19. Usage Notes
Rev.1.20
Jan 27, 2006
page 188 of 205
REJ09B0111-0120
19.2 Interrupt
19.2.1 Reading Address 0000016
Do not read the address 0000016 by a program. When a maskable interrupt request is acknowledged,
the CPU reads interrupt information (interrupt number and interrupt request level) from 0000016 in the
interrupt sequence. At this time, the acknowledged interrupt IR bit is set to “0”.
If the address 0000016 is read by a program, the IR bit for the interrupt which has the highest priority
among the enabled interrupts is set to “0”. This may cause a problem that the interrupt is canceled, or
an unexpected interrupt is generated.
19.2.2 SP Setting
Set any value in the SP before an interrupt is acknowledged. The SP is set to “000016” after reset.
Therefore, if an interrupt is acknowledged before setting any value in the SP, the program may run out
of control.
19.2.3 External Interrupt and Key Input Interrupt
________
Either an “L” level or an ”H” level of at least 250ns width is necessary for the signal input to the INT0 to
________
_____
_____
INT3 pins and KI0 to KI3 pins regardless of the CPU clock.
19.2.4 Watchdog Timer Interrupt
Reset the watchdog timer after a watchdog timer interrupt is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com