Electronic Components Datasheet Search
  English  ▼

X  

M30620ECFS Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 350Page - Renesas Technology Corp M30620ECFS Datasheet HTML 351Page - Renesas Technology Corp M30620ECFS Datasheet HTML 352Page - Renesas Technology Corp M30620ECFS Datasheet HTML 353Page - Renesas Technology Corp M30620ECFS Datasheet HTML 354Page - Renesas Technology Corp M30620ECFS Datasheet HTML 355Page - Renesas Technology Corp M30620ECFS Datasheet HTML 356Page - Renesas Technology Corp M30620ECFS Datasheet HTML 357Page - Renesas Technology Corp M30620ECFS Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 621 page
background image
Clock-Synchronous Serial I/O
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
339
Example of wiring
Example of operation
UART1 Transmit
interrupt request bit “0”
“1”
Cleared to “0” when interrupt request is accepted, or cleared by software
Transmit buffer
empty flag
CLK1
TxD1
“0”
“1”
Transmit enable bit
“0”
“1”
Transfer clock
CLKS1
D0 D1 D2 D3
D4 D5 D6
D7
D0 D1
D2 D3 D4 D5 D6 D7
CLK, CLKS
select bit 1
“0”
“1”
“0”
“1”
CLK, CLKS
select bit 0
(1) Transmission enabled
(2) Start transmission
(3) Transmission is complete
(4) Clock switched
(TE)
(TI)
(CLKMD1)
(CLKMD0)
(IR)
Figure 2.4.10. Operation timing of transmission in clock-synchronous serial I/O mode, transfer
clock output from multiple pins function selected
Microcomputer
TXD1 (P67)
CLKS1 (P64)
CLK1 (P65)
IN
CLK
IN
CLK
Note: This applies when performing only transmission with an internal
clock selected in the clock synchronous serial I/O mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com