Electronic Components Datasheet Search
  English  ▼

X  

M30620ECFS Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 271Page - Renesas Technology Corp M30620ECFS Datasheet HTML 272Page - Renesas Technology Corp M30620ECFS Datasheet HTML 273Page - Renesas Technology Corp M30620ECFS Datasheet HTML 274Page - Renesas Technology Corp M30620ECFS Datasheet HTML 275Page - Renesas Technology Corp M30620ECFS Datasheet HTML 276Page - Renesas Technology Corp M30620ECFS Datasheet HTML 277Page - Renesas Technology Corp M30620ECFS Datasheet HTML 278Page - Renesas Technology Corp M30620ECFS Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Appendix Standard Serial I/O Mode (Flash Memory Version)
260
Block Erase Command
This command erases the data in the specified block. Execute the block erase command as explained
here following.
(1) Send the “2016” command code in the 1st byte of the transmission.
(2) Send addresses A8 to A15 and A16 to A23 in the 2nd and 3rd bytes of the transmission respec-
tively.
(3) Send the verify command code “D016” in the 4th byte of the transmission. With the verify com-
mand code, the erase operation will start for the specified block in the flash memory. Write the
highest address of the specified block for addresses A16 to A23.
When block erasing ends, the RTS1 (BUSY) signal changes from the “H” to the “L” level. After block
erase ends, the result of the block erase operation can be known by reading the status register. For
more information, see the section on the status register.
Each block can be erase-protected with the lock bit. For more information, see the section on the data
protection function.
A8 to
A15
A16 to
A23
2016
D016
CLK1
RxD1
TxD1
RTS1(BUSY)
(M16C reception data)
(M16C transmit data)
Figure 1.31.7. Timing for block erasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com