Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 357Page - Renesas Technology Corp 7540 Datasheet HTML 358Page - Renesas Technology Corp 7540 Datasheet HTML 359Page - Renesas Technology Corp 7540 Datasheet HTML 360Page - Renesas Technology Corp 7540 Datasheet HTML 361Page - Renesas Technology Corp 7540 Datasheet HTML 362Page - Renesas Technology Corp 7540 Datasheet HTML 363Page - Renesas Technology Corp 7540 Datasheet HTML 364Page - Renesas Technology Corp 7540 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 366 page
background image
3-139
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.11 Differences between 7540 Group and 7531 Group
3.11 Differences between 7540 Group and 7531 Group
Table 3.11.1 shows the differences between 7540 Group and 7531 Group.
Table 3.11.1 Differences between 7540 Group and 7531 Group
(Performance overview)
7531 Group
69
8 to 16 K bytes
256 to 384 bytes
Initial value: FF16
(Ports P0 and P3 pull-up On)
11 sources, 8 vector
(3 for external)
12 sources, 8 vector
(4 for external)
3 (Timer 1, 2, X)
UART only
Cecamic oscillator/
Quartz-crystal oscillator/
RC oscillation
Parameter
Number of basic instructions
Memory sizes
Input/Output
ports
Interrupt
sources
16-bit timer
8-bit timer
Serial I/O1
Clock generation circuit
Oscillation stop detection circuit
ROM
RAM
32-pin version
36-pin version
7540 Group
71 (DIV, MUL instruction added)
16 to 32 K bytes
512 to 768 bytes
Initial value: 0016
(Ports P0 and P3 pull-up Off)
14 sources, 14 vector
(4 for external)
15 sources, 15 vector
(5 for external)
1 (Timer A)
3 (Timer 1, X, Y, Z)
Clock synchronous/UART
Cecamic oscillator/
Quartz-crystal oscillator/
RC oscillation/
On-chip oscillator oscillation
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com