Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 249Page - Renesas Technology Corp 7540 Datasheet HTML 250Page - Renesas Technology Corp 7540 Datasheet HTML 251Page - Renesas Technology Corp 7540 Datasheet HTML 252Page - Renesas Technology Corp 7540 Datasheet HTML 253Page - Renesas Technology Corp 7540 Datasheet HTML 254Page - Renesas Technology Corp 7540 Datasheet HTML 255Page - Renesas Technology Corp 7540 Datasheet HTML 256Page - Renesas Technology Corp 7540 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 366 page
background image
3-31
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.2 Typical characteristics
0
1
2
3
23
456
0
2
4
6
23
456
3.2 Typical characteristics
Standard characteristics described below are just examples of the 7540 Group’s characteristics and are not
guaranteed. For rated values, refer to “3.1 Electrical characteristics”.
3.2.1 Mask ROM version
(1) Power source current characteristic example (VCC-ICC characteristics)
Fig. 3.2.1 VCC-ICC characteristics (in double-speed mode: Mask ROM version)
Measuring condition: When system is operating in double-speed mode (A/D conversion not executed),
Ta = 25 °C, Ceramic oscillation
Power source voltage Vcc [V]
f(XIN) = 6 MHz
f(XIN) = 4 MHz
f(XIN) = 2 MHz
f(XIN) = 1 MHz
0
1
2
3
4
5
23
456
Fig. 3.2.2 VCC-ICC characteristics (in high-speed mode: Mask ROM version)
Measuring condition: When system is operating in high-speed mode (A/D conversion not executed),
Ta = 25 °C, Ceramic oscillation
Power source voltage Vcc [V]
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 2 MHz
Fig. 3.2.3 VCC-ICC characteristics (in middle-speed mode: Mask ROM version)
Measuring condition: When system is operating in middle-speed mode (A/D conversion not executed),
Ta = 25 °C, Ceramic oscillation
Power source voltage Vcc [V]
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com