Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 267Page - Renesas Technology Corp 7540 Datasheet HTML 268Page - Renesas Technology Corp 7540 Datasheet HTML 269Page - Renesas Technology Corp 7540 Datasheet HTML 270Page - Renesas Technology Corp 7540 Datasheet HTML 271Page - Renesas Technology Corp 7540 Datasheet HTML 272Page - Renesas Technology Corp 7540 Datasheet HTML 273Page - Renesas Technology Corp 7540 Datasheet HTML 274Page - Renesas Technology Corp 7540 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 366 page
background image
3-49
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.2 Typical characteristics
-15
-10
-5
0
5
10
15
0
32
64
96
128
160
192
224
256
-15
-10
-5
0
5
10
15
256
288
320
352
384
416
448
480
512
-15
-10
-5
0
5
10
15
512
544
576
608
640
672
704
736
768
-15
-10
-5
0
5
10
15
768
800
832
864
896
928
960
992
1024
Fig. 3.2.41 A/D conversion accuracy typical characteristic example-1 (Mask ROM version)
•VCC = 5.12 [V]
•VREF = 5.12 [V]
•XIN = 4 [MHz]
•Temp. = 25 [°C]
•CPU mode = double-speed mode
•Zero transition voltage: 13.75 mV
•Full-scale transition voltage: 5120.94 mV
•Differential non-linearity error: –1.72 mV (–0.34 LSB)
•Non-linearity error: –5.09 mV (–1.02 LSB)
M37540M4-XXXFP A/D CONVERTER STEP WIDTH MEASUREMENT
Reference(ERROR(ABSOLUTE))
ERROR (LINEARITY)
1LSB WIDTH
➁ A/D conversion accuracy typical characteristics-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com