Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 272Page - Renesas Technology Corp 7540 Datasheet HTML 273Page - Renesas Technology Corp 7540 Datasheet HTML 274Page - Renesas Technology Corp 7540 Datasheet HTML 275Page - Renesas Technology Corp 7540 Datasheet HTML 276Page - Renesas Technology Corp 7540 Datasheet HTML 277Page - Renesas Technology Corp 7540 Datasheet HTML 278Page - Renesas Technology Corp 7540 Datasheet HTML 279Page - Renesas Technology Corp 7540 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 366 page
background image
3-54
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.2 Typical characteristics
0
2
4
6
8
10
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0
2
4
6
8
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Fig. 3.2.49 VCC-ICC characteristics (addition when operating A/D conversion, f(XIN) = 8 MHz in high-
speed mode: One Time PROM version)
Measuring condition: A/D conversion executed/not executed (f(XIN) = 8 MHz in high-speed mode),
Ta = 25 °C, Ceramic oscillation
Power source voltage Vcc [V]
During A/D conversion
Power source voltage Vcc [V]
During not A/D conversion
Fig. 3.2.50 VCC-ICC characteristics (addition when operating A/D conversion, f(XIN) = 6 MHz in double-
speed mode: One Time PROM version)
Measuring condition: A/D conversion executed/not executed (f(XIN) = 6 MHz in double-speed mode),
Ta = 25 °C, Ceramic oscillation
During A/D conversion
During not A/D conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com