Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 277Page - Renesas Technology Corp 7540 Datasheet HTML 278Page - Renesas Technology Corp 7540 Datasheet HTML 279Page - Renesas Technology Corp 7540 Datasheet HTML 280Page - Renesas Technology Corp 7540 Datasheet HTML 281Page - Renesas Technology Corp 7540 Datasheet HTML 282Page - Renesas Technology Corp 7540 Datasheet HTML 283Page - Renesas Technology Corp 7540 Datasheet HTML 284Page - Renesas Technology Corp 7540 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 366 page
background image
3-59
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.2 Typical characteristics
0
1
2
3
4
5
234
56
0
1
2
3
4
5
234
56
0
1
2
3
4
5
234
56
Fig. 3.2.62 VCC-VIHL characteristics (XIN pin: One Time PROM version)
Power source voltage Vcc [V]
Fig. 3.2.63 VCC-VIL characteristics (CNVSS pin: One Time PROM version)
Measuring condition: VCC–VIL characteristics of CNVSS pin, VCC = 5.0 V, Ta = 25 °C
Power source voltage Vcc [V]
Measuring condition: VCC–VIHL characteristics of XIN pin, VCC = 5.0 V, Ta = 25 °C
Fig. 3.2.61 VCC-VIHL characteristics (RESET pin: One Time PROM version)
Measuring condition: VCC–VIHL characteristics of RESET pin, VCC = 5.0 V, Ta = 25 °C
Power source voltage Vcc [V]
“H” input voltage (VIH)
“L” input voltage (VIL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com