Electronic Components Datasheet Search
  English  ▼

X  

ADE8052Z-DWDL1 Datasheet(PDF) 132 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 132 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 128Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 129Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 130Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 131Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 132Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 133Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 134Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 135Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 136Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 132 of 148
Table 153. SPI Configuration SFR 1 (SPIMOD1, Address 0xE8)
Bit
Bit Address
Mnemonic
Default
Description
[7:6]
0xEF to 0xEE
Reserved
0
Reserved.
5
0xED
INTMOD
0
SPI interrupt mode.
INTMOD
Result
0
SPI interrupt is set when the SPI Rx buffer is full
1
SPI interrupt is set when the SPI Tx buffer is empty
4
0xEC
AUTO_SS
1
Master mode, SS output control (see
).
Figure 106
AUTO_SS
Result
0
The SS pin is held low while this bit is cleared, allowing manual chip select
control using the SS pin
1
Single byte read or write; the SS pin goes low during a single byte
transmission and then returns high
Continuous transfer; the SS pin goes low during the duration of the
multibyte continuous transfer and then returns high
3
0xEB
SS_EN
0
Slave mode, SS input enable.
When this bit is set to Logic 1, the SS pin is defined as the slave select input pin for the
SPI slave interface.
2
0xEA
RxOFW
0
Receive buffer overflow write enable.
RxOFW
Result
0
If the SPI2CRx SFR has not been read when a new data byte is received,
the new byte is discarded
1
If the SPI2CRx SFR has not been read when a new data byte is received,
the new byte overwrites the old data
[1:0]
0xE9 to 0xE8
SPIR
0
Master mode, SPI SCLK frequency.
SPIR
Result
00
fCORE/8 = 512 kHz (if fCORE = 4.096 MHz)
01
fCORE/16 = 256 kHz (if fCORE = 4.096 MHz)
10
fCORE/32 = 128 kHz (if fCORE = 4.096 MHz)
11
fCORE/64 = 64 kHz (if fCORE = 4.096 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com