Electronic Components Datasheet Search
  English  ▼

X  

TMB Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part # TMB
Description  TMB SERIES SYNCHRONOUS TIMING MODULES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

TMB Datasheet(HTML) 2 Page - EUROQUARTZ limited

  TMB Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 1460 230000 Fax: +44 1460 230001 email: info@euroquartz.co.uk web: www.euroquartz.co.uk
SYNCHRONOUS TIMING MODULES
TMB SERIES SYNCHRONOUS TIMING MODULES
8kHz Inputs, LVPECL outputs <622.080MHz
Page 2 of 2
AUTO
RESET
ENABLE
A/B
SELECT
REF A
REF B
FR
FR
STATUS
ALARM
Q
Q
NOTE
0
1
0
X
X
X
X
1
X
X
X
FR
0
X
1
X
X
X
X
X
X
0
1
0
0
0
X
X
X
1
1
X
X
X
FR
0
0
0
0
A
A
0
0
0
X
X
RA
0
0
0
1
A
A
0
0
0
X
X
RB
0
0
0
0
NA
A
0
0
1
X
X
NL
0
0
0
1
NA
A
0
0
0
X
X
RB
0
0
0
1
A
NA
0
0
1
X
X
NL
0
0
0
0
A
NA
0
0
0
X
X
RA
0
0
0
X
NA
NA
0
1
1
X
X
FR
1
0
0
X
A
A
0
0
0
X
X
RA*
1
0
0
X
A
NA
0
0
0
X
X
RA*
1
0
0
X
NA
A
0
0
0
X
X
RB**
1
0
0
X
NA
NA
0
1
1
X
X
FR
KEY
A: ACTIVE
FR: FREE RUN MODE
RA: LOCKED TO A
RB: LOCKED TO B
NA: NOT ACTIVE
NL: NOT LOCKED
X: DON’T CARE
PAD CONNECTION DESCRIPTION
1
ENABLE
VCXO Enable (0=Enable, 1= Disable)
2
NC
Not connected
3
NC
Not connected
4
REF A
Reference Input A
5
A/B SEL
Reference Select (0=Input A, 1=Input B)
6
RESET
Reset (Reset = 1)
7
REF B
Reference Inpt B
8
GRN
Ground
9
FR STATUS
Free Run Status (Unit on Free Run = 1)
10
Vcc
Supply Voltage (+3.3VDC)
11
AUTO
Automatic Function
12
ALARM
Loss of Reference (Alarm = 1)
13
FR
Force Free Run (Free Run = 1)
14
NC
Not connected
15
NC
Not connected
16
Q
LVPECL Complimentary Output
17
GRN
Ground
18
Q
LVPECL Output
Pad No. Pad Name
Description of Function
INPUT SELECTION AND OUTPUT RESPONSE
* If AUTO is on (1) the system will lock to REF A
** If REF A is lost the system will lock to REF B automatically; if both References are lost the unit go into FREE RUN.



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com