Electronic Components Datasheet Search
  English  ▼

X  

MPC8641DEC Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # MPC8641DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641DEC Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button MPC8641DEC Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
107
Signal Listings
SGND
H28, H32, J30, K31, L28, L29, M32, N30,
R29, T32, U30, V31, W29,Y32 AA30, AB31,
AC29, AD32, AE30, AG29, AH32, AJ30,
AK31, AL29, AM32
Ground pins for
SVDD
XGND
K27, L25, M26, N24, P27, R25, T26, U24,
V27, W25, Y28, AA24, AB27, AC25, AD28,
AE26, AF27, AH28, AJ26, AK27, AL26,
AM28
Ground pins for
XVDD_SRDSn
Reset Configuration Signals20
TSEC1_TXD[0] /
cfg_alt_boot_vec
AF25
-
LVDD
TSEC1_TXD[1]/
cfg_platform_freq
AC23
-
LVDD
21
TSEC1_TXD[2:4]/
cfg_device_id[5:7]
AG24, AG23, AE24
-
LVDD
TSEC1_TXD[5]/
cfg_tsec1_reduce
AE23
-
LVDD
TSEC1_TXD[6:7]/
cfg_tsec1_prtcl[0:1]
AE22, AD22
-
LVDD
TSEC2_TXD[0:3]/
cfg_rom_loc[0:3]
AB20, AJ23, AJ22, AD19
-
LVDD
TSEC2_TXD[4],
TSEC2_TX_ER/
cfg_dram_type[0:1]
AH23,
AB19
-LVDD
38
TSEC2_TXD[5]/
cfg_tsec2_reduce
AH21
-
LVDD
TSEC2_TXD[6:7]/
cfg_tsec2_prtcl[0:1]
AG22, AG21
-
LVDD
TSEC3_TXD[0:1]/
cfg_spare[0:1]
AL21, AJ21
O
TVDD
33
TSEC3_TXD[2]/
cfg_core1_enable
AM20
O
TVDD
TSEC3_TXD[3]/
cfg_core1_lm_offset
AJ20
-
LVDD
TSEC3_TXD[5]/
cfg_tsec3_reduce
AK21
-
LVDD
TSEC3_TXD[6:7]/
cfg_tsec3_prtcl[0:1]
AL20, AL19
-
LVDD
TSEC4_TXD[0:3]/
cfg_io_ports[0:3]
AC18, AC16, AD18, AD17
-
LVDD
Table 63. MPC8641 Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com