Electronic Components Datasheet Search
  English  ▼

X  

LW540AS Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # LW540AS
Description  WHITE LAMP LED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LW540AS Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button LW540AS_1 Datasheet HTML 2Page - Seoul Semiconductor LW540AS_1 Datasheet HTML 3Page - Seoul Semiconductor LW540AS_1 Datasheet HTML 4Page - Seoul Semiconductor LW540AS_1 Datasheet HTML 5Page - Seoul Semiconductor LW540AS_1 Datasheet HTML 6Page - Seoul Semiconductor LW540AS_1 Datasheet HTML 7Page - Seoul Semiconductor LW540AS_1 Datasheet HTML 8Page - Seoul Semiconductor LW540AS_1 Datasheet HTML 9Page - Seoul Semiconductor LW540AS_1 Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 03
Rev. 03
January 2009
January 2009
www.ZLED.com
www.ZLED.com
5.Outline Dimension
Unit : mm
8.7 ±0.2
1.0 MIN
28.0 MIN
1.0
ANODE
0.5 ± 0.05
2.2 ± 0.2
1.0 MAX
5.9 ± 0.2
5.0 ± 0.2
1.0
DETAIL
Notes : Protruded epoxy is 1.0mm maximum.


Similar Part No. - LW540AS_1

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW540AS SEOUL-LW540AS Datasheet
540Kb / 12P
   WHITE LAMP LED
More results

Similar Description - LW540AS_1

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW340AS SEOUL-LW340AS Datasheet
513Kb / 12P
   WHITE LAMP LED
LW551A SEOUL-LW551A Datasheet
398Kb / 12P
   WHITE LAMP LED
LW520AS SEOUL-LW520AS Datasheet
536Kb / 12P
   WHITE LAMP LED
LW520AS SEOUL-LW520AS_1 Datasheet
626Kb / 18P
   WHITE LAMP LED
logo
LUXPIA
LWH5020 LUXPIA-LWH5020 Datasheet
212Kb / 7P
   White LED Lamp
logo
Seoul Semiconductor
LW520A SEOUL-LW520A Datasheet
521Kb / 12P
   WHITE LAMP LED
LW340A SEOUL-LW340A Datasheet
521Kb / 12P
   WHITE LAMP LED
LW330A SEOUL-LW330A Datasheet
508Kb / 11P
   WHITE LAMP LED
logo
LUXPIA
LWH5000 LUXPIA-LWH5000 Datasheet
237Kb / 7P
   White LED Lamp
logo
Seoul Semiconductor
LW510 SEOUL-LW510_1 Datasheet
565Kb / 18P
   WHITE LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com