Electronic Components Datasheet Search
  English  ▼

X  

38041 Datasheet(PDF) 3 Page - Altech corporation

Part # 38041
Description  ONE PHASE POWER DISTRIBUTION BLOCKS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

38041 Datasheet(HTML) 3 Page - Altech corporation

  38041 Datasheet HTML 1Page - Altech corporation 38041 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
background image
38020
38019
Part Number:
Approvals
Current Rating
Voltage Rating
No. of Inputs
Wire Range
Torque
Screw Type
No. of Outputs
Wire Range
Torque
Wire Range
Torque
Wire Range
Torque
Screw Type
Dimensions:
38020
38019
230A
250A
310A
400A
600V AC
690V AC
600V AC
690V AC
11
1
1
2-4/0AWG
35-120mm2
3/0-350kcmil
95-185mm2
170lb.-in.
19Nm
230lb.-in.
25Nm
Hex 6
Hex 8
11
11
11
11
(2x) 14-2AWG
(2x) 2.5-35mm2
(2x) 14-2AWG
(2x) 2.5-35mm2
31lb.-in.
3.5Nm
31lb.-in.
3.5Nm
(5x) 14-6AWG
(5x) 2.5-16mm2
(5x) 14-6AWG
(5x) 2.5-16mm2
17.5lb.-in.
2Nm
17.5lb.-in.
2Nm
(4x) 14-8AWG
(4x) 2.5-10mm2
(4x) 14-8AWG
(4x) 2.5-10mm2
17.5lb.-in.
2Nm
17.5lb.-in.
2Nm
standard screwdriver
standard screwdriver
ULFileE98082
ULFileE98082
ONE PHASE POWER
DISTRIBUTION BLOCKS
• Quick mounting and wiring
• IP20 Finger Safe
• DIN Rail or Panel Mount
• Blocks fit with other DIN Rail
mountable modular devices
(height 95mm, depth 44.5mm)
• Accessories increase the
number of outputs with only
one input.
• No caps to open or remove
• Material
Housing: Polyamide
Metal Body: Brass
AltechCorp.®•t908-806-9400•f908-806-9490•www.altechcorp.com
28
SCCR: 100kA
SCCR: 100kA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com