Electronic Components Datasheet Search
  English  ▼

X  

1SS365 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS365
Description  Schottky Barrier Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS365 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS365 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
E lectric al C haracte ristic s T a = 25
P a ra m e te r
S y m bol
T e st C ondition
M in
M ax
U n it
IF = 1 m A
380
m V
IF = 1 0 m A
500
m V
IF =4 0 m A
1
V
V R = 3 0V ;n o te1
1
n A
V R = 4 0 V ;note 1
10
A
diode capacitance
C d
f= 1 M H z ;V R =0
5
p F
No te
1. P u ls e test: tp = 300 m s ; ä = 0 .02.
fo rw ard v oltage
re v e rs e c u rre n t
V F
IR
BAS40-07
Marking
Marking
47



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com