Electronic Components Datasheet Search
  English  ▼

X  

LH05-10B03 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LH05-10B03
Description  5-25W, AC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH05-10B03 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LH05-10B03 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
LH**
B/4-2008
Page 4 of 5
TYPICAL APPLICATIONS
LH**-10B**( single Output)
L
+Vo
-Vo
L
N
N
C1 C2
F u se
TVS1 RL
NTC
LH**-10D**(Isolate Twin Output)
+
-
-
F use
+
NTC
L
N
L
N
Vo1
Vo2
C1
T V S1
C2
RL
C3
T V S2
C4
RL
LH**-10A**(Dual output)
Fuse
+Vo
L
L
N
-Vo
N
Com
C4
C2
C1
C3
RL
TVS1
TVS2 RL
NTC
LH**-10C**(Triple Output)
+Vo1
-Vo2
Com
C6
C2
C5
C1
+Vo2
TVS1
TVS3
RL
RL
C4
C3
TVS2 RL
N
N
F u se
L
L
N TC
-Vo1
EXTERNAL CAPACITORS TYPICAL VALUE(Unit:
µF)
MODEL
C1
C3
C5
MODEL
C1
C3
C5
LH05-10B03
330
LH15-10B03
680
LH05-10B05
330
LH15-10B05
680
LH05-10B09*
120
LH15-10B09
470
LH05-10B12
120
LH15-10B12
220
LH05-10B15
68
LH15-10B15
220
LH05-10B24
68
LH15-10B24
68
LH15-10B48
33
LH05-10A05
120
120
LH15-10A05
470
470
LH05-10A12
68
68
LH15-10A12
220
220
LH05-10A15
47
47
LH15-10A15
120
120
LH05-10A24
10
10
LH05-10C0505-01
220
22
22
LH15-10C0505-05
470
220
220
LH05-10C0512-01
120
22
22
LH15-10C0512-02
470
120
120
LH05-10C0515-01
120
22
22
LH15-10C0515-02
470
120
120
LH05-10C0524-01
120
22
22
LH15-10C0524-01
470
47
47
LH05-10D0505-01
220
22
LH15-10D0505-08
470
470
LH05-10D0512-01
220
22
LH15-10D0512-04
470
220
LH05-10D0515-01
120
22
LH15-10D0515-03
470
120
LH05-10D0524-01
120
22
LH15-10D0524-02
470
47
LH10-10B03
470
LH10-10B05
330
LH20-10B03
330
LH10-10B09
120
LH20-10B05
330
LH10-10B12
120
LH20-10B12
220
LH10-10B15
120
LH20-10B15
220
LH10-10B24
68
LH20-10B24
220
LH10-10A05
220
220
LH20-10A05
470
470
LH10-10A12
120
120
LH20-10A12
120
120
LH10-10A15
47
47
LH20-10A15
68
68
LH10-10A24
33
33
LH20-10C0505-05
330
220
220
LH10-10C0505-04
220
120
120
LH20-10C0512-04
330
120
120
LH10-10C0512-02
220
68
68
LH20-10C0515-03
330
120
120
LH10-10C0515-02
220
47
47
LH20-10C0524-02
330
47
47
LH10-10C0524-01
220
47
47
LH20-10D0505-10
330
330
LH10-10D0505-02
220
68
LH20-10D0512-06
330
220
LH10-10D0512-02
220
68
LH20-10D0515-05
330
220
LH10-10D0515-02
220
47
LH20-10D0524-03
330
120
LH10-10D0524-02
220
47
LH25-10B05
330
LH25-10B12
330
LH25-10B15
330
LH25-10B24
120
LH25-10B48
68
Remark:
1. Output filtering capacitors C1, C2 and C3 are electrolytic capacitors, It is recommended to use high frequency and low impedance electrolytic capacitors. For
capacitance and current of capacitor please refer to manufacture
’s datasheet. Voltage derating of capacitor should be 80% or above. C2,C4,C6 are use to filter
high frequency noise. TVS is recommended component to protect post-circuits (when converter fails).
2. External input NTC is recommended to use 5D-9 ( Only LH10 models and LH15 models)


Similar Part No. - LH05-10B03

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH05-10B03 MORNSUN-LH05-10B03 Datasheet
1Mb / 7P
   5W, AC-DC converter
LH05-10B03 MORNSUN-LH05-10B03_15 Datasheet
1Mb / 7P
   5W, AC-DC converter
More results

Similar Description - LH05-10B03

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-13B03 MORNSUN-LH05-13B03_15 Datasheet
345Kb / 6P
   5-25W, AC/DC converter
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
logo
List of Unclassifed Man...
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com