Electronic Components Datasheet Search
  English  ▼

X  

LH05-10B03 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LH05-10B03
Description  5-25W, AC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH05-10B03 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LH05-10B03 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LH05-10B03 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
LH**
B/4-2008
Page 3 of 5
OUTPUT SPECIFICATIONS
Voltage set accuracy
±2%
(main output)
Input variation
±0.5% (main output)
±1.5% (supplement output)
Load variation (10-100%)
Single output models
Dual output models (balanced load)
Isolated triple output (balanced load)
Isolated and separated twin output (balanced load)
±1%
±2%
Vo1
±3%
(main output)
±Vo2 ±5%
(supplement output)
Vo1
±3%
(main output)
Vo2
±5%
(supplement output)
Minimum load
single output models
Dual output models
Isolated and separated twin output
Isolated triple output
0%
10% (main output)
10% (main output)
10% (main output)
Ripple& noise(p-p)
20MHz Bandwidth
≤100mV (main output)
Short circuit protection
Continuous, and auto resume
Over current protection
≥110% I
O
Over output voltage protection
3.3 / 5VDC models
9VDC models
12 / 15VDC models
24VDC models
48VDC models
≤6.5VDC
≤12VDC
≤20VDC
≤30VDC
≤60VDC
COMMON SPECIFICATIONS
Temperature ranges
Operating :
Power derating
above 55
°C:
LH20-10B05
above 50
°C:
Storage:
Case temperature:
-25
°C ~ +70 °C
3.75% /
°C
2.25% /
°C
-25
°C ~ +105 °C
+90
°C max
Hold-up time
(Vin=230VAC)
80ms(typ)
Humidity
(non condensing)
85%(max)
Temperature coefficient
0.02%/
°C (main output)
0.15%/
°C (supplement output)
Switching frequency
150kHz
max
Efficiency
78% typ
I/O-isolation voltage
3000VAC/1Min
Leakage current
0.3mA
RMS typ. 230VAC/50Hz
EMI/RFI conducted
EN55022, level B
EMC compliance
Electrostatic discharge ESD
RF field susceptibility
Electrical fast transients/bursts on mainsline
Surge
IEC/EN 61000-4-2 level 3
6KV/8KV
IEC/EN 61000-4-3
IEC/EN 61000-4-4 level 3
2KV
IEC/EN 61000-4-5 level 3
1KV / 2KV
Safety standards
IEC60950,EN60950,UL60950
Safety approvals
EN60950, IEC60950,UL60950
Safety Class
CLASS 1 CLASS 2
While LH15)
Case material
UL 94V-0
Install
PCB
MTBF
>200,000h @25
°C


Similar Part No. - LH05-10B03

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH05-10B03 MORNSUN-LH05-10B03 Datasheet
1Mb / 7P
   5W, AC-DC converter
LH05-10B03 MORNSUN-LH05-10B03_15 Datasheet
1Mb / 7P
   5W, AC-DC converter
More results

Similar Description - LH05-10B03

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-13B03 MORNSUN-LH05-13B03_15 Datasheet
345Kb / 6P
   5-25W, AC/DC converter
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
logo
List of Unclassifed Man...
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com