Electronic Components Datasheet Search
  English  ▼

X  

2381 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2381
Description  HDTV Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2381 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2381 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
Page 2
© 2001, KR Electronics, Inc.
Parameter
Specification
Filter type
Lowpass
Insertion Loss
< 1 dB
Consult factory if Sin(x)/x Correction
is included
End of Passband fc
10 MHz to 50 MHz
User Specified
Passband Ripple
< 0.2 dB
> 40 dB Attenuation
1.45 x fc
Group Delay Ripple to 0.9 x fc
Consult Factory
Sin(x)/x Correction
Available
User Specified
Source and Load
75
Ω
Consult Factory for other
KR Series 2381 Lowpass Filter
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Pin 1 is Input
Pin 11 is Output
Pins 2 thru 10 are Ground
All dimensions in inches



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com