Electronic Components Datasheet Search
  English  ▼

X  

PL82-WDRG1213 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL82-WDRG1213
Description  3mm 3 Leaded Bi-Color LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL82-WDRG1213 Datasheet(HTML) 1 Page - P-tec Corporation

  PL82-WDRG1213 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL82 Series 3mm 3 Leaded Bi-Color LED
Features
Electrical & Optical Characteristics at TA = 25°C
Part number
Emitting
Color
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward Voltage
@20mA (V)
Luminous Intensity
@20mA (mcd)
White Diffused Lens
nm
Deg.
Typ
Max
Min
Typ
PL82-WDRG1213
Orange-Red
Green
635
567
70°
2.1
2.1
2.6
2.6
10.0
10.0
21.0
20.0
Dominant
Wave
Length
nm
626
572
Chip
Material
GaAsP
GaP
*Popular 3mm Lens Style with Flange
*Hi-Eff Red & Green Chips used
*Common Cathode
*White Diffused Lens for a Wide
Viewing Angle
*2.0 mm Lead Spacing
*Both LED Chips lit will create
a 3rd Color
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100 mA) ……………………………………….……….…….…..……………...… 5.0V
Max Forward Current ……………………………...………………...……..……… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) ………….…...……….…… 100mA
Operating Temperature Range ...………...………………………..…........ -25°C to +85°C
Storage Temperature Range ………......………………………..…..…… -40°C to +100°C
Soldering Temperature (1.6mm from body) …………………..…….… 260°C for 5 seconds
Poser Dissipation (Green)………………………………….…………..…………… 78mW
Power Dissipation (Red)………………………….…………………...……...…….. 78mW
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. An epoxy meniscus may extend about 1mm down the leads.
03-08-07 Rev 3 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101


Similar Part No. - PL82-WDRG1213

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL82-WDRG1213-LF254 P-TEC-PL82-WDRG1213-LF254 Datasheet
30Kb / 1P
   3mm 3 Leaded Bi-Color LED
More results

Similar Description - PL82-WDRG1213

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL82-WDRG2115-LF254 P-TEC-PL82-WDRG2115-LF254 Datasheet
30Kb / 1P
   3mm 3 Leaded Bi-Color LED
PL82-WDRG2115 P-TEC-PL82-WDRG2115 Datasheet
35Kb / 1P
   3mm 3 Leaded Bi-Color LED
PL82-WDRG1213-LF254 P-TEC-PL82-WDRG1213-LF254 Datasheet
30Kb / 1P
   3mm 3 Leaded Bi-Color LED
logo
LUMEX INC.
SSF-LXH109GIW LUMEX-SSF-LXH109GIW Datasheet
68Kb / 1P
   T-3mm 3 LEADED BI-COLOR FAULT INDICATOR
SSF-LXH109SYSUGW LUMEX-SSF-LXH109SYSUGW Datasheet
76Kb / 1P
   T-3mm 3 LEADED BI-COLOR FAULT INDICATOR
SSF-LXH109SISUGW LUMEX-SSF-LXH109SISUGW Datasheet
75Kb / 1P
   T-3mm 3 LEADED BI-COLOR FAULT INDICATOR
logo
P-tec Corporation
PL83-WDGY1301 P-TEC-PL83-WDGY1301 Datasheet
30Kb / 1P
   3mm Bi-Color LED
logo
Quelighting Corp
QLLP02YYGF-316 QUELIGHTING-QLLP02YYGF-316 Datasheet
1Mb / 9P
   3mm Bi-color LED
1.0 2021.5.20
logo
P-tec Corporation
PL83-WDRG1213 P-TEC-PL83-WDRG1213 Datasheet
30Kb / 1P
   3mm Bi-Color LED
PL84-WDRG2115 P-TEC-PL84-WDRG2115 Datasheet
30Kb / 1P
   Bi-Color 3 Leaded 5mm (T1쩐) LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com