Electronic Components Datasheet Search
  English  ▼

X  

105208 Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # 105208
Description  GaAsP / GaAs LED Chips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

105208 Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  105208 Datasheet HTML 1Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2004
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
RED
Item No.: 105208
1.
This specification applies to GaAsP / GaAs LED Chips
2.
Structure
2.1
Planar structure
2.2
Electrodes
p-side (anode)
Al
n-side (cathode)
Au alloy
3.
Outlines (dimensions in microns)
4.
Electrical and optical characteristics (T=25°C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward voltage
VF
IF = 7 mA
1,65
1,84
V
Reverse voltage
VR
IR = 10 A
5
V
Luminous intensity
IV
IF = 7 mA
150
200
cd
Peak wavelength
λ
P
IF = 7 mA
660
nm
Brightness measurement at OSA on gold plate
5.
Packing
Dice on adhesive film with wire bond side on top
6.
Labeling
Type
Lot No.
IV typ
Quantity
min
max
1450
1200
p-Diffusion
300
n-Electrode
Isolator
n-Epitaxy GaAsP
n-Substrate GaAs
p-Electrode


Similar Part No. - 105208

ManufacturerPart #DatasheetDescription
logo
SICK AG
1052080 SICK-1052080 Datasheet
264Kb / 4P
   LEVEL SENSORS
1052081 SICK-1052081 Datasheet
264Kb / 4P
   LEVEL SENSORS
1052082 SICK-1052082 Datasheet
264Kb / 4P
   LEVEL SENSORS
1052083 SICK-1052083 Datasheet
264Kb / 4P
   LEVEL SENSORS
1052084 SICK-1052084 Datasheet
264Kb / 4P
   LEVEL SENSORS
More results

Similar Description - 105208

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
105207 OSA-105207 Datasheet
52Kb / 1P
   GaAsP / GaAs LED Chips
102205 OSA-102205 Datasheet
52Kb / 1P
   GaAsP / GaAs LED Chips
105206 OSA-105206 Datasheet
52Kb / 1P
   GaAsP / GaAs LED Chips
101205 OSA-101205 Datasheet
52Kb / 1P
   GaAsP / GaAs LED Chips
180622 OSA-180622 Datasheet
54Kb / 1P
   GaAsP / GaP LED Chips
190210 OSA-190210 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
170220 OSA-170220 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
170210 OSA-170210 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
170622 OSA-170622 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
180220 OSA-180220 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com