Electronic Components Datasheet Search
  English  ▼

X  

194272 Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # 194272
Description  AlInGaP / GaAs LED Chips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

194272 Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  194272 Datasheet HTML 1Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2004
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
RED
Item No.: 194272
1.
This specification applies to AlInGaP / GaAs LED Chips
2.
Structure
2.1
Mesa structure
2.2
Electrodes
p-side (anode)
Au alloy or Al
n-side (cathode)
Au alloy
3.
Outlines (dimensions in microns)
4.
Electrical and optical characteristics (T=25°C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward voltage
VF
IF = 20 mA
2,10
2,40
V
Reverse current
IR
VR = 5 V
10
µA
Luminous intensity *
IV
IF = 10 mA
11,0
mcd
dom. wavelength
λ
D
IF = 20 mA
640
nm
* On request, wafers will be delivered according to luminous intensity classes
Brightness measurement at OSA on gold plate
5.
Packing
Dice on adhesive film with 1) wire bond side on top
2) back contact on top
6.
Labeling
Type
Lot No.
IV typ
Quantity
min
max
p-Electrode
250
Epitaxy AlInGaP
n-Substrate GaAs
n-Electrode
235
235
110


Similar Part No. - 194272

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1942720000 WEIDMULLER-1942720000 Datasheet
82Kb / 5P
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1942720000 WEIDMULLER-1942720000 Datasheet
82Kb / 5P
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
1942720000 WEIDMULLER-1942720000 Datasheet
82Kb / 5P
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors
logo
PHOENIX CONTACT
1942727 PHOENIX-1942727 Datasheet
129Kb / 9P
Printed-circuit board connector - FKIC 2,5 HC/ 4-STF-5,08
More results

Similar Description - 194272

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
160272 OSA-160272 Datasheet
53Kb / 1P
AlInGaP / GaAs LED Chips
161230 OSA-161230 Datasheet
54Kb / 1P
AlInGaP / GaAs LED Chips
170282 OSA-170282 Datasheet
53Kb / 1P
AlInGaP / GaAs LED Chips
171282 OSA-171282 Datasheet
53Kb / 1P
AlInGaP / GaAs LED Chips
181272 OSA-181272 Datasheet
53Kb / 1P
AlInGaP / GaAs LED Chips
190282 OSA-190282 Datasheet
53Kb / 1P
AlInGaP / GaAs LED Chips
193252 OSA-193252 Datasheet
52Kb / 1P
AlInGaP / GaAs LED Chips
193272 OSA-193272 Datasheet
52Kb / 1P
AlInGaP / GaAs LED Chips
193282 OSA-193282 Datasheet
53Kb / 1P
AlInGaP / GaAs LED Chips
194170 OSA-194170 Datasheet
53Kb / 1P
AlInGaP / GaAs LED Chips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com