Electronic Components Datasheet Search
  English  ▼

X  

SSF2312 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2312
Description  Battery protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2312 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF2312 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
SSF2312
Gate Threshold Voltage
V
V =V
GS(th)
DS
GS,ID=250μA
0.5
0.65
1.2
V
Drain-Source On-State Resistance
R
V =2.5V, I
DS(ON)
GS
D=4.5A
33
40
mΩ
V =4.5V, I
GS
D=5A
27
33
mΩ
Forward Transconductance
g
V =10V,I
FS
DS
D=5A
10
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
C
500
PF
lss
Output Capacitance
Coss
300
PF
V =8V,V
DS
GS=0V,
F=1.0MHz
Reverse Transfer Capacitance
C
140
PF
rss
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
t
20
40
nS
d(on)
Turn-on Rise Time
t
18
40
nS
r
Turn-Off Delay Time
td(off)
60
108
nS
V =10V,I
DD
D=1A
V =4.5V,R
Turn-Off Fall Time
tf
GS
GEN=6Ω
28
56
nS
Total Gate Charge
Q
10
15
nC
g
Gate-Source Charge
Qgs
2.3
nC
V =10V,I
Gate-Drain Charge
Qgd
DS
D=5A,VGS=4.5V
2.9
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
V
V =0V,I =1A
1.2
V
SD
GS
S
Diode Forward Current (Note 2)
I
1
A
S
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.
©Silikron Semiconductor CO.,LTD.
2
http://www.silikron.com
v1.1



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com