Electronic Components Datasheet Search
  English  ▼

X  

PT6903 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6903
Description  High Brightness LED Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6903 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6903 Datasheet HTML 1Page - Princeton Technology Corp PT6903 Datasheet HTML 2Page - Princeton Technology Corp PT6903 Datasheet HTML 3Page - Princeton Technology Corp PT6903 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PT6903
High Brightness LED Driver
Tel: 886-66296288Fax: 886-29174598http://www.princeton.com.tw2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
PT6903 is a PFM high brightness LED driver control IC. It
allows efficient operation of driver current up to 1.0A
output, and the input range is from 7V to 36V. Moreover,
PT6903 controls the internal MOS at a modulated switch
frequency up to 800KHz. PT6903 drives a single or
multiple series LEDs at a constant-current control method;
thus, providing constant current light output and enhanced
reliability.
PT6903 has linear and PWM dimming functions. Output
current to an LED string can be programmed to any value
between its minimum value to its maximum value at the
linear dimming control input of PT6903. PT6903 provides
a low-frequency PWM dimming input that can accept an
external control signal with a duty cycle of 0~100% and a
frequency between 100Hz and a few KHz.
PT6903 integrates more protection functions. The
reliability of LEDs and device can be promoted by these
protection functions. PT6903 provides over current
protection when output short-circuit or LEDs current rises
up about two times setting current. PT6903 must be
power-up again if over current protection happens.
PT6903 also provides over temperature protection. There
are two ways to protect LEDs and device when
temperature rises up to limited level. One is internal
thermal-shutdown function. If internal temperature rises
up about 135℃, PT6903 will turn off switch. It will turn-on
again when internal temperature falls down about 115℃.
Another is temperature compensation function. This
function is only used for SOP8 package. An NTC
thermistor temperature monitoring circuit can be used to
LD pin. When system temperature rises up to some
limited level, the voltage on LD pin will fall under 240mV
and LED current will fall under setting value. This function
can reduce the temperature of system effectively.
FEATURES
• >90% efficiency
• Wide input voltage range: 7V to 36V
• Constant current driver
• Applications up to 1.0A
• Linear & PWM dimming
• Thermal shutdown protection
• Over current protection
• Internal 40V power NMOS switch
APPLICATIONS
• DC/DC LED driver
• Low voltage industrial LED lighting
• Low voltage halogen replacement LEDs
• Decorative LED lighting
BLOCK DIAGRAM


Similar Part No. - PT6903

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903-S PTC-PT6903-S Datasheet
233Kb / 4P
   High Brightness LED Driver
logo
Texas Instruments
PT6903A TI1-PT6903A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6903C TI1-PT6903C Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6903N TI1-PT6903N Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
More results

Similar Description - PT6903

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
   High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
   UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Panasonic Semiconductor
AN30888A PANASONIC-AN30888A Datasheet
685Kb / 32P
   High Brightness LED Driver IC
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com