Electronic Components Datasheet Search
  English  ▼

X  

ICS1893CFILFT Datasheet(PDF) 122 Page - Integrated Device Technology

Part # ICS1893CFILFT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1893CFILFT Datasheet(HTML) 122 Page - Integrated Device Technology

Back Button ICS1893CFILFT Datasheet HTML 118Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 119Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 120Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 121Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 122Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 123Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 124Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 125Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 126Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 127 page
background image
ICS1893CF, Rev. J, 08/11/09
August, 2009
122
Chapter 9 DC and AC Operating Conditions
ICS1893CF Data Sheet - Release
Copyright © 2009, Integrated Device Technology, Inc.
All rights reserved.
9.5.20 Auto-Negotiation Fast Link Pulse Timing
Table 9-27 lists the significant time periods for the ICS1893CF Auto-Negotiation Fast Link Pulse. The time
periods consist of timings of signals on the following pins:
• TP_TXP
• TP_TXN
Figure 9-21 shows the timing diagram for one pair of these differential signals, for example TP_TXP minus
TP_TXN.
Figure 9-21. Auto-Negotiation Fast Link Pulse Timing Diagram
Table 9-27. Auto-Negotiation Fast Link Pulse Timing
Time
Period
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
Clock/Data Pulse Width
–
–
90
–
ns
t2
Clock Pulse-to-Data Pulse Timing
–
55
60
70
µs
t3
Clock Pulse-to-Clock Pulse Timing
–
110
125
140
µs
t4
Fast Link Pulse Burst Width
–
–
5
–
ms
t5
Fast Link Pulse Burst to Fast Link Pulse Burst
–
10
15
25
ms
t6
Number of Clock/Data Pulses in a Burst
–
15
20
30
pulses
Clock
Pulse
Clock
Pulse
Data
Pulse
t1
t3
t2
t4
t5
t1
FLP Burst
FLP Burst
Differential
Twisted Pair
Transmit Signal
Differential
Twisted Pair
Transmit Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com