Electronic Components Datasheet Search
  English  ▼

X  

EUP2592 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP2592
Description  8-String White LED Driver for LCD 8-String White LED Driver for LCD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2592 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP2592 Datasheet HTML 1Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUP2592
DS2592
Ver1.0
Aug. 2009
1
8-String White LED Driver for LCD
Panel Application
DESCRIPTION
The EUP2592 is an 8-channel WLED driver that
controls WLED current for LCD backlight application.
The EUP2592 is capable of driving up to eight strings
in parallel and 12 LEDs per string. Each string is
terminated with ballast that achieves ±1.5% current
regulation accuracy between strings, ensuring even
LED brightness. The EUP2592 have wide input
voltage range from 4.5V to 28V, and provide
adjustable 5mA to 35mA LED current. EUP2592 uses
an external PWM signal to control WLED dimming.
EUP2592 has built in many fault protections.
The EUP2592 step-up controller features an internal
150m
(typ.), 48V (max.) power MOSFET with local
current-sense amplifier for accurate cycle-by-cycle
current limit. This architecture greatly simplifies the
external circuitry and saves PCB space. The EUP2592
minimizes the headroom voltage of output and power
loss by detecting the highest LED forward voltage
dynamically. Low-feedback voltage at each LED string
360mV (typ.) at 20mA LED current helps reduce
power loss and improve efficiency.
The EUP2592 internally generates a PWM signal for
accurate
WLED
dimming
control.
The
PWM
frequency is resistor programmable, while PWM duty
cycle is controlled directly from an external PWM
signal or through an adjustable resistor at PWMO pin.
This internal PWM dimming control provides a
dimming range with 8-bit resolution to maximize
battery life. The EUP2592 WLED brightness can also
be directly modulated with an external PWM signal
from 100Hz to 10kHz.
The EUP2592 have extensive protection that include
string open and short detection, over voltage protection,
over-temperature protection and an optional input
over-current
protection
with
an
external
fault
disconnect switch.
FEATURES
Up to 8 strings in parallel and 12 LEDs per
string Maximum number of LEDs that can be
driven is 96 (8x12) WLEDs
Accurate PWM Dimming Control with 8-bit
Resolutions
External Direct PWM Dimming Control Mode
Wide Input Voltage Range 4.5V to 28V
Internal 0.15
48V Power MOSFET
±1.5% LED Current Regulation Accuracy
Between Strings
Dynamic Headroom Control for LED Outputs
Low String Feedback Voltage: 360mV at 20mA
LED Current
User Selectable Switching Frequency 500kHz
and 1200kHz
Multiple Fault Protections
-LED Open Circuit Detection
-LED Short Circuit Detection
-Over-Temperature Protection
-Output Over-Voltage Protection
-Input over current protection
Small 24-Pin, 4mm x 4mm, Thin TQFN
Package
RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Notebook Displays LED Backlighting
LCD Monitor LED Backlighting


Similar Part No. - EUP2592

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2595 EUTECH-EUP2595 Datasheet
411Kb / 10P
32V Step-Up Converters for Two to Nine White LEDs
EUP2595JIR1 EUTECH-EUP2595JIR1 Datasheet
411Kb / 10P
32V Step-Up Converters for Two to Nine White LEDs
More results

Similar Description - EUP2592

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
logo
Analog Devices
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
Monolithic Power System...
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
50V, 8-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
Monolithic Power System...
EV3391EY00A MPS-EV3391EY00A Datasheet
192Kb / 7P
8 String White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
8 string White LED Driver Evaluation Board
EV3391EF-00A MPS-EV3391EF-00A Datasheet
204Kb / 7P
8 String White LED Driver Evaluation Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com