Electronic Components Datasheet Search
  English  ▼

X  

MIC3230 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC3230
Description  Constant Current Boost Controller for Driving High Power LEDs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3230 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC3230 Datasheet HTML 5Page - Micrel Semiconductor MIC3230 Datasheet HTML 6Page - Micrel Semiconductor MIC3230 Datasheet HTML 7Page - Micrel Semiconductor MIC3230 Datasheet HTML 8Page - Micrel Semiconductor MIC3230 Datasheet HTML 9Page - Micrel Semiconductor MIC3230 Datasheet HTML 10Page - Micrel Semiconductor MIC3230 Datasheet HTML 11Page - Micrel Semiconductor MIC3230 Datasheet HTML 12Page - Micrel Semiconductor MIC3230 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Micrel, Inc.
MIC3230/1/2
January 2009
9
M9999-011409-A
Power Topology
Constant Output Current Controller
The MIC323x family are peak current mode boost
controllers designed to drive high power LEDs. Unlike a
standard constant output voltage controller, the MIC323x
family has been designed to provide a constant output
current. The MIC323x family is designed for a wide input
voltage range, from 6V to 45V. In the boost configuration,
the output can be set from VIN up to 100V.
As a peak current mode controller, the MIC323x family
provides the benefits of superior line transient response as
well as an easier to design compensation.
This family of LED drivers features a built-in soft-start
circuitry in order to prevent start-up surges.
Other
protection features include:
• Current Limit (ILIMIT) - Current sensing for over current
and overload protection
• Over Voltage Protection (OVP) - Output over voltage
protection to prevent operation above a safe upper
limit
• Under Voltage Lockout (UVLO) – UVLO designed to
prevent operation at very low input voltages
Setting the LED Current
The current through the LED string is set via the value
chosen for the current sense resistor, RADJ. This value can
be calculated using Equation 1:
Eq. (1)
ADJ
LED
R
V
I
25
.
0
=
Another important parameter to be aware of in the boost
controller design, is the ripple current. The amount of
ripple current through the LED string is equal to the output
ripple voltage divided by the LED AC resistance (RLED
provided by the LED manufacturer) plus the current sense
resistor (RADJ). The amount of allowable ripple through the
LED string is dependent upon the application and is left to
the designer’s discretion.
This equation is shown in
Equation 2:
Eq. (2)
)
(
ADJ
LED
OUT
LED
R
R
V
I
RIPPLE
+
Δ
Where
OUT
LED
OUT
C
T
D
I
V
RIPPLE
×
×
=
Reference Voltage
The voltage feedback loop of the MIC323x uses an
internal reference voltage of 0.25V with an accuracy of
±3%. The feedback voltage is the voltage drop across the
current setting resistor (RADJ) as shown in Figure 1. When
in regulation the voltage at IADJ will equal 0.25V.
Output Over Voltage Protection (OVP)
The MIC323x provides an OVP circuitry in order to help
protect the system from an overvoltage fault condition.
This OVP point can be programmed through the use of
external resistors (R8 and R9 in Figure 1). A reference
value of 1.245V is used for the OVP. Equation 3 can be
used to calculate the resistor value for R9 to set the OVP
point.
Eq. (3)
1
)
245
.
1
/
(
8
9
=
OVP
V
R
R
LED Dimming
The MIC323x family of LED drivers can control the
brightness of the LED string via the use of pulse width
modulated (PWM) dimming. A PWM input signal of up to
500Hz can be applied to the PWM DIM pin (see Figure 1)
to pulse the LED string ON and OFF. It is recommended
to use PWM dimming signals above 120Hz to avoid any
recognizable flicker by the human eye. PWM dimming is
the preferred way to dim a LED in order to prevent
color/wavelength shifting, as occurs with analog dimming.
The output current level remains constant during each
PWMD pulse.
Oscillator and Switching Frequency Selection
The MIC323x family features an internal oscillator that
synchronizes all of the switching circuits internal to the IC.
This frequency is adjustable on the MIC3230 and MIC3231
and fixed at 400kHz in the MIC3232.
In the MIC3230/1, the switching frequency can be set by
choosing the appropriate value for the resistor, R1
according to Equation 4:
Eq. (4)
035
.
1
)
(
7526
)
(
⎟⎟
⎜⎜
=
Ω
kHz
F
k
R
SW
FS
SYNC (MIC3230 Only)
Multiple MIC3230 ICs can be synchronized by connecting
their SYNC pins together. When synchronized, the
MIC3230 with the highest frequency (master) will override
the other MIC3230s (slaves). The internal oscillator of the
master IC will override the oscillator of the slave part(s)
and all MIC3230 will be synchronized to the same master
switching frequency.
The SYNC pin is designed to be used only by other
MIC3230s and is available on the MIC3230 only. If the
SYNC pin is being unused, it is to be left floating (open).
In the MIC3231, the SYNC pin is to be left floating (open).


Similar Part No. - MIC3230

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230YML MICREL-MIC3230YML Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230YML MICREL-MIC3230YML Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230YTSE MICREL-MIC3230YTSE Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
More results

Similar Description - MIC3230

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
ULC6001 UTC-ULC6001 Datasheet
101Kb / 4P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
L5107 UTC-L5107_15 Datasheet
239Kb / 8P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com