Electronic Components Datasheet Search
  English  ▼

X  

MIC3230 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC3230
Description  Constant Current Boost Controller for Driving High Power LEDs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3230 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC3230 Datasheet HTML 6Page - Micrel Semiconductor MIC3230 Datasheet HTML 7Page - Micrel Semiconductor MIC3230 Datasheet HTML 8Page - Micrel Semiconductor MIC3230 Datasheet HTML 9Page - Micrel Semiconductor MIC3230 Datasheet HTML 10Page - Micrel Semiconductor MIC3230 Datasheet HTML 11Page - Micrel Semiconductor MIC3230 Datasheet HTML 12Page - Micrel Semiconductor MIC3230 Datasheet HTML 13Page - Micrel Semiconductor MIC3230 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Micrel, Inc.
MIC3230/1/2
January 2009
10
M9999-011409-A
Dithering (MIC3231 Only)
The MIC3231 has a feature which dithers the switching
frequency by ±12%. The purpose of this dithering is to
help achieve a spread spectrum of the conducted EMI
noise. This can allow for an overall reduction in noise
emission by approximately 10dB.
Internal Gate Driver
External FETs are driven by the MIC323x’s internal low
impedance gate drivers. These drivers are biased from the
VDD and have a source resistance of 2Ω and a sink
resistance of 3.5Ω.
VDD
VDD is an internal linear regulator powered by VIN and VDD
is the bias supply for the internal circuitry of the MIC323x.
A 10µF ceramic bypass capacitor is required at the VDD pin
for proper operation.
This pin is for filtering only and
should not be utilized for operation.
Current Limit
The MIC323x family features a current limit protection
feature to prevent any current runaway conditions. The
current limit circuitry monitors current on a pulse by pulse
basis. It limits the current through the inductor by sensing
the voltage across RCS. When 0.45V is present at the IS
pin, the pulse is truncated. The next pulse continues as
normally until the IS pin reaches 0.45V and it is truncated
once again. This will continue until the output load is
decreased.
Select RCS using Equation 5:
Eq. (5)
()
LIMIT
PK
MIN
MAX
L
SW
IN
OUT
CS
I
F
L
D
V
V
R
_
45
.
0
+
×
×
=
Slope Compensation
The MIC323x is a peak current mode controller and
requires slope compensation.
Slope compensation is
required to maintain internal stability across all duty cycles
and prevent any unstable oscillations. The MIC323x uses
slope compensation that is set by an external resistor,
RSLC. The ability to set the proper slope compensation
through the use of a single external component results in
design flexibility. This slope compensation resistor, RSLC,
can be calculated using Equation 6:
Eq. (6)
(
)
SW
CS
IN
OUT
SLC
F
A
L
R
V
V
R
MIN
MAX
×
×
×
=
μ
250
where VIN_MAX and VOUT_MAX can be selected to system
specifications.
Current Sense IS
The IS pin monitors the rising slope of the inductor current
(m1 in Figure 5) and also sources a ramp current
(250µA/T) that flows through RSLC that is used for slope
compensation.
This ramp of 250µA per period, T,
generates a ramped voltage across RSLC and is labeled VA
in Figure 3. The signal at the IS pin is the sum of VCS + VA
(as shown in Figure 3). The current sense circuitry and
block diagram is displayed in Figure 4. The IS pin is also
used as the current limit (see the previous section on
Current Limit).
Figure 3. Slope compensation waveforms
Soft Start
The boost switching convertor features a soft start in order
to power up in a controlled manner, thereby limiting the
inrush current from the line supply. Without this soft start,
the inrush current could be too high for the supply. To
prevent this, a soft start delay can be set using the
compensation capacitor (CCOMP in Figure 1). For switching
to begin, the voltage on the compensation cap must reach
about 0.7V. Switching starts with the minimum duty cycle
and increases to the final duty cycle. As the duty cycle
increases, VOUT will increase from VIN to it’s final value. A
6µA current source charges the compensation capacitor
and the soft start time can be calculated in Equation 7:
Eq. (7)
μA
V
C
T
Y_STATE
COMP_STEAD
COMP
SOFTSTART
6
×
VCOMP_STEADY_STATE is usually between 0.7V to 3V, but can
be as high as 5V.
Eq. (8)
(
)
PK
A
STATE
STEADY
COMP
Vcs
V
Ai
V
PK
+
×
=
_
_
Where:
T
D
R
T
I
V
SLC
RAMP
APK
×
×
×
=
and
CS
PK
L
CS
R
I
V
PK
×
=
_
Ai = 1.4 V/V
D = Duty cycle (0 to1)
T = period
A 10nF ceramic capacitor will make this system stable at
all operating conditions.


Similar Part No. - MIC3230

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230YML MICREL-MIC3230YML Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230YML MICREL-MIC3230YML Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230YTSE MICREL-MIC3230YTSE Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
More results

Similar Description - MIC3230

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
ULC6001 UTC-ULC6001 Datasheet
101Kb / 4P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
L5107 UTC-L5107_15 Datasheet
239Kb / 8P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com