Electronic Components Datasheet Search
  English  ▼

X  

AT90SCR100 Datasheet(PDF) 195 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 195 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 191Page - ATMEL Corporation AT90SCR100 Datasheet HTML 192Page - ATMEL Corporation AT90SCR100 Datasheet HTML 193Page - ATMEL Corporation AT90SCR100 Datasheet HTML 194Page - ATMEL Corporation AT90SCR100 Datasheet HTML 195Page - ATMEL Corporation AT90SCR100 Datasheet HTML 196Page - ATMEL Corporation AT90SCR100 Datasheet HTML 197Page - ATMEL Corporation AT90SCR100 Datasheet HTML 198Page - ATMEL Corporation AT90SCR100 Datasheet HTML 199Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 433 page
background image
195
TPR0327AY–SMS–30Jan09
AT90SCR100
15.7.4
SCIIR - Smart Card UART Interrupt Identification Register
• Bit 7 – SCTBI: UART Transmit Buffer Empty Interrupt
This bit is set by hardware when the Transmit Buffer is copied into the transmit shift register of
the Smart Card UART. It generates an interrupt if ESCTBI bit is set in SCIER register otherwise
this bit is irrelevant.
This bit must be cleared by software.
• Bit 5..6 – Res: Reserved Bits
Those bits arereserved and will always be read as ‘0’.
• Bit 4 – VCARDERR: Card Voltage Error Interrupt
This bit is set when the output voltage goes out of the voltage range specified by VCARD field. It
generates an interrupt if EVCARDER bit is set in SCIER register otherwise this bit is irrelevant.
This bit must be cleared by software.
• Bit 3 – SCWTI: Waiting Time Counter Timeout Interrupt
This bit is set by hardware when the Waiting Time Counter has expired. It generates an interrupt
if ESCWTI bit is set in SCIER register otherwise this bit is irrelevant.
This bit must be cleared by software.
• Bit 2 – SCTI: UART Transmitted Character Interrupt
This bit is set by hardware when the Smart Card UART has completed the character transmis-
sion. It generates an interrupt if ESCTI bit is set in SCIER register otherwise this bit is irrelevant.
This bit must be cleared by software.
• Bit 1 – SCRI: UART Received Character Interrupt
This bit is set by hardware when the Smart Card UART has completed the character reception. It
generates an interrupt if ESCRI bit is set in SCIER register otherwise this bit is irrelevant.
This bit must be cleared by software.
• Bit 0 – SCPI: Character Reception Parity Error Interrupt
This bit is set at the same time as SCTI or SCRI if a parity error is detected on the received char-
acter. It generates an interrupt if ESCPI bit is set in SCIER register otherwise this bit is irrelevant.
This bit must be cleared by software.
Bit
7
6
5
4
3
2
1
0
$0000FC
SCTBI
-
-
VCARDERR
SCWTI
SCTI
SCRI
SCPI
SCIIR
Read/write
R
R
R
R
R
R
R
R
Initial value
0
0
0
0
0
0
0
0
0x00
It is recommended that the application saves the SCIIR register after reading it in
order to avoid the loss of pending interruptions as the SCIIR register is cleared
when it is read by the MCU.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com