Electronic Components Datasheet Search
  English  ▼

X  

AT90SCR100 Datasheet(PDF) 226 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 226 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 222Page - ATMEL Corporation AT90SCR100 Datasheet HTML 223Page - ATMEL Corporation AT90SCR100 Datasheet HTML 224Page - ATMEL Corporation AT90SCR100 Datasheet HTML 225Page - ATMEL Corporation AT90SCR100 Datasheet HTML 226Page - ATMEL Corporation AT90SCR100 Datasheet HTML 227Page - ATMEL Corporation AT90SCR100 Datasheet HTML 228Page - ATMEL Corporation AT90SCR100 Datasheet HTML 229Page - ATMEL Corporation AT90SCR100 Datasheet HTML 230Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 433 page
background image
226
TPR0327AY–SMS–30Jan09
AT90SCR100
Set by hardware to indicate the PID data of the current bank:
• 00: Data0
• 01: Data1
•1x: Reserved.
For OUT Pipe, this value indicates the next data toggle that will be sent. This is not relative to the
current bank.
For IN Pipe, this value indicates the last data toggle received on the current bank.
• Bit 0..1 - NBUSYBK0..1 : Busy Bank Flag
Set by hardware to indicate that the number of busy banks.
For OUT Pipe, it indicates the number of busy bank(s), filled by the user, ready for OUT transfer.
For IN Pipe, it indicates the number of busy bank(s) filled by IN transaction from the Device.
• 00: All banks are free
• 01: 1 busy bank
• 10: 2 busy banks
•11: Reserved
17.7.15
UPINRQX - USB Pipe IN Request Register for Pipe X
Set UPNUM register to point to the relevant Pipe before using the UPINRQX register.
• Bits 7..0 - INRQ7..0 : IN Request Number Before Freeze
Enter the number of IN transactions before the USB controller freezes the pipe. The USB con-
troller will perform (INRQ+1) IN requests before to freeze the Pipe. This counter is automatically
decreased by 1 each time a IN request has been successfully performed.
17.7.16
UPERRX - USB Pipe Error Register for Pipe X
Set UPNUM register to point to the relevant Pipe before using the UPERRX register.
• Bit 7 - Res : Reserved
The value read from these bits is always 0. Do not set these bits.
• Bits 6..5 - COUNTER1..0 : Error counter
This counter is increased by the USB controller each time an error occurs on the Pipe. When this
value reaches 3, the Pipe is automatically frozen.
Clear these bits by software.
Bit
7
6
5
4
321
0
$00A5
INRQ [7..0]
UPINRQX
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00
Bit
765
4
3
2
1
0
$009D
COUNTER [1..0]
CRC16
PTIMEOUT
PID
DATAPID DATATGL UPERRX
Read/write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com