Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16AI Datasheet(PDF) 315 Page - ATMEL Corporation

Part # ATmega162-16AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16AI Datasheet(HTML) 315 Page - ATMEL Corporation

Back Button ATmega162-16AI Datasheet HTML 311Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 312Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 313Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 314Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 315Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 316Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 317Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 318Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 319Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 324 page
background image
315
2513K–AVR–07/09
ATmega162/V
Datasheet
Revision
History
Please note that the referring page numbers in this section are referred to this document. The
referring revision in this section are referring to the document revision.
Changes from Rev.
2513J-08/07 to
Rev. 2513K-07/09
1.
Updated “Errata” on page 314.
2.
Updated the last page with Atmel’s new adresses.
Changes from Rev.
2513I-04/07 to Rev.
2513J-08/07
1.
Updated “Features” on page 1.
2.
Added “Data Retention” on page 7.
3.
Updated “Errata” on page 314.
4.
Updated “Version” on page 205.
5.
Updated “C Code Example(1)” on page 172.
6.
Updated Figure 18 on page 35.
7.
Updated “Clock Distribution” on page 35.
8.
Updated “SPI Serial Programming Algorithm” on page 246.
9.
Updated “Slave Mode” on page 162.
Changes from Rev.
2513H-04/06 to
Rev. 2513I-04/07
1.
Updated “Using all 64KB Locations of External Memory” on page 34.
2.
Updated “Bit 6 – ACBG: Analog Comparator Bandgap Select” on page 195.
3.
Updated V
OH conditions in“DC Characteristics” on page 264.
Changes from Rev.
2513G-03/05 to
Rev. 2513H-04/06
1.
Added “Resources” on page 7.
2.
Updated “Calibrated Internal RC Oscillator” on page 38.
3.
Updated note for Table 19 on page 50.
4.
Updated “Serial Peripheral Interface – SPI” on page 157.
Changes from Rev.
2513F-09/03 to
Rev. 2513G-03/05
1.
MLF-package alternative changed to “Quad Flat No-Lead/Micro Lead Frame Package
QFN/MLF”.
2.
Updated “Electrical Characteristics” on page 264
3.
Updated “Ordering Information” on page 310
Changes from Rev.
2513D-04/03 to
Rev. 2513E-09/03
1.
Removed “Preliminary” from the datasheet.
2.
Added note on Figure 1 on page 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com