Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 126 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 126 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 122Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 123Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 124Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 125Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 126Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 127Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 128Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 129Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 130Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 324 page
background image
126
2513K–AVR–07/09
ATmega162/V
Timer/Counter
Timing Diagrams
The Timer/Counter is a synchronous design and the timer clock (clk
Tn) is therefore shown as a
clock enable signal in the following figures. The figures include information on when Interrupt
Flags are set, and when the OCRnx Register is updated with the OCRnx buffer value (only for
modes utilizing double buffering). Figure 55 shows a timing diagram for the setting of OCFnx.
Figure 55. Timer/Counter Timing Diagram, Setting of OCFnx, no Prescaling
Figure 56 shows the same timing data, but with the prescaler enabled.
Figure 56. Timer/Counter Timing Diagram, Setting of OCFnx, with Prescaler (f
clk_I/O/8)
Figure 57 shows the count sequence close to TOP in various modes. When using phase and
frequency correct PWM mode the OCRnx Register is updated at BOTTOM. The timing diagrams
will be the same, but TOP should be replaced by BOTTOM, TOP-1 by BOTTOM+1 and so on.
The same renaming applies for modes that set the TOVn Flag at BOTTOM.
clk
Tn
(clk
I/O/1)
OCFnx
clk
I/O
OCRnx
TCNTn
OCRnx Value
OCRnx - 1
OCRnx
OCRnx + 1
OCRnx + 2
OCFnx
OCRnx
TCNTn
OCRnx Value
OCRnx - 1
OCRnx
OCRnx + 1
OCRnx + 2
clk
I/O
clk
Tn
(clk
I/O/8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com