Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 150 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 150 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 146Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 147Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 148Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 149Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 150Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 151Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 152Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 153Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 154Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 324 page
background image
150
2513K–AVR–07/09
ATmega162/V
• Bit 5:4 – COM21:0: Compare Match Output Mode
These bits control the Output Compare pin (OC2) behavior. If one or both of the COM21:0 bits
are set, the OC2 output overrides the normal port functionality of the I/O pin it is connected to.
However, note that the Data Direction Register (DDR) bit corresponding to OC2 pin must be set
in order to enable the output driver.
When OC2 is connected to the pin, the function of the COM21:0 bits depends on the WGM21:0
bit setting. Table 61 shows the COM21:0 bit functionality when the WGM21:0 bits are set to a
normal or CTC mode (non-PWM).
Table 62 shows the COM21:0 bit functionality when the WGM21:0 bits are set to fast PWM
mode.
Note:
1. A special case occurs when OCR2 equals TOP and COM21 is set. In this case, the Compare
Match is ignored, but the set or clear is done at TOP. See “Fast PWM Mode” on page 145 for
more details.
Table 63 shows the COM21:0 bit functionality when the WGM21:0 bits are set to phase correct
PWM mode.
Note:
1. A special case occurs when OCR2 equals TOP and COM21 is set. In this case, the Compare
Match is ignored, but the set or clear is done at TOP. See “Phase Correct PWM Mode” on page
146 for more details.
Table 61. Compare Output Mode, non-PWM Mode
COM21
COM20
Description
0
0
Normal port operation, OC2 disconnected.
0
1
Toggle OC2 on Compare Match.
1
0
Clear OC2 on Compare Match.
1
1
Set OC2 on Compare Match.
Table 62. Compare Output Mode, Fast PWM Mode(1)
COM21
COM20
Description
0
0
Normal port operation, OC2 disconnected.
01
Reserved
1
0
Clear OC2 on Compare Match, set OC2 at TOP.
1
1
Set OC2 on Compare Match, clear OC2 at TOP.
Table 63. Compare Output Mode, Phase Correct PWM Mode(1)
COM21
COM20
Description
0
0
Normal port operation, OC2 disconnected.
01
Reserved
1
0
Clear OC2 on Compare Match when up-counting. Set OC2 on Compare
Match when down-counting.
1
1
Set OC2 on Compare Match when up-counting. Clear OC2 on Compare
Match when down-counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com