Electronic Components Datasheet Search
  English  ▼

X  

ATmega162-16PI Datasheet(PDF) 156 Page - ATMEL Corporation

Part # ATmega162-16PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16PI Datasheet(HTML) 156 Page - ATMEL Corporation

Back Button ATmega162-16PI Datasheet HTML 152Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 153Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 154Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 155Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 156Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 157Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 158Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 159Page - ATMEL Corporation ATmega162-16PI Datasheet HTML 160Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 324 page
background image
156
2513K–AVR–07/09
ATmega162/V
Timer/Counter
Prescaler
Figure 70. Prescaler for Timer/Counter2
The clock source for Timer/Counter2 is named clk
T2S. clkT2S is by default connected to the main
system I/O clock clk
IO. By setting the AS2 bit in ASSR, Timer/Counter2 is asynchronously
clocked from the TOSC1 pin. This enables use of Timer/Counter2 as a Real Time Counter
(RTC). When AS2 is set, pins TOSC1 and TOSC2 are disconnected from Port D. A crystal can
then be connected between the TOSC1 and TOSC2 pins to serve as an independent clock
source for Timer/Counter2. The Oscillator is optimized for use with a 32.768 kHz crystal. Apply-
ing an external clock source to TOSC1 is not recommended.
For Timer/Counter2, the possible prescaled selections are: clk
T2S/8, clkT2S/32, clkT2S/64,
clk
T2S/128, clkT2S/256, and clkT2S/1024. Additionally, clkT2S as well as 0 (stop) may be selected.
Setting the PSR2 bit in SFIOR resets the prescaler. This allows the user to operate with a pre-
dictable prescaler.
Special Function IO
Register – SFIOR
• Bit 1 – PSR2: Prescaler Reset Timer/Counter2
When this bit is one, the Timer/Counter2 prescaler will be reset. This bit is normally cleared
immediately by hardware. If this bit is written when Timer/Counter2 is operating in asynchronous
mode, the bit will remain one until the prescaler has been reset. The bit will not be cleared by
hardware if the TSM bit is set. Refer to the description of the “Bit 7 – TSM: Timer/Counter Syn-
chronization Mode” on page 105 for a description of the Timer/Counter Synchronization mode.
10-BIT T/C PRESCALER
TIMER/COUNTER2 CLOCK SOURCE
clk
I/O
clk
T2S
TOSC1
AS2
CS20
CS21
CS22
0
PSR2
Clear
clk
T2
Bit
7
6
5
4
3
2
1
0
TSM
XMBK
XMM2
XMM1
XMM0
PUD
PSR2
PSR310
SFIOR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial
Val-
ue
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com