Electronic Components Datasheet Search
  English  ▼

X  

ATmega164P Datasheet(PDF) 161 Page - ATMEL Corporation

Part # ATmega164P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164P Datasheet(HTML) 161 Page - ATMEL Corporation

Back Button ATmega164P Datasheet HTML 157Page - ATMEL Corporation ATmega164P Datasheet HTML 158Page - ATMEL Corporation ATmega164P Datasheet HTML 159Page - ATMEL Corporation ATmega164P Datasheet HTML 160Page - ATMEL Corporation ATmega164P Datasheet HTML 161Page - ATMEL Corporation ATmega164P Datasheet HTML 162Page - ATMEL Corporation ATmega164P Datasheet HTML 163Page - ATMEL Corporation ATmega164P Datasheet HTML 164Page - ATMEL Corporation ATmega164P Datasheet HTML 165Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 377 page
background image
161
7674F–AVR–09/09
ATmega164P/324P/644P
16. SPI – Serial Peripheral Interface
16.1
Features
• Full-duplex, Three-wire Synchronous Data Transfer
• Master or Slave Operation
• LSB First or MSB First Data Transfer
• Seven Programmable Bit Rates
• End of Transmission Interrupt Flag
• Write Collision Flag Protection
• Wake-up from Idle Mode
• Double Speed (CK/2) Master SPI Mode
16.2
Overview
The Serial Peripheral Interface (SPI) allows high-speed synchronous data transfer between the
ATmega164P/324P/644P and peripheral devices or between several AVR devices.
USART can also be used in Master SPI mode, see “USART in SPI Mode” on page 199.
The Power Reduction SPI bit, PRSPI, in “PRR – Power Reduction Register” on page 47 on page
50 must be written to zero to enable SPI module.
Figure 16-1. SPI Block Diagram
(1)
Note:
1. Refer to Figure 1-1 on page 2, and Table 12-6 on page 81 for SPI pin placement.
DIVIDER
/2/4/8/16/32/64/128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com