Electronic Components Datasheet Search
  English  ▼

X  

ATmega164P Datasheet(PDF) 299 Page - ATMEL Corporation

Part # ATmega164P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164P Datasheet(HTML) 299 Page - ATMEL Corporation

Back Button ATmega164P Datasheet HTML 295Page - ATMEL Corporation ATmega164P Datasheet HTML 296Page - ATMEL Corporation ATmega164P Datasheet HTML 297Page - ATMEL Corporation ATmega164P Datasheet HTML 298Page - ATMEL Corporation ATmega164P Datasheet HTML 299Page - ATMEL Corporation ATmega164P Datasheet HTML 300Page - ATMEL Corporation ATmega164P Datasheet HTML 301Page - ATMEL Corporation ATmega164P Datasheet HTML 302Page - ATMEL Corporation ATmega164P Datasheet HTML 303Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 377 page
background image
299
7674F–AVR–09/09
ATmega164P/324P/644P
25.2.1
Latching of Fuses
The fuse values are latched when the device enters programming mode and changes of the
fuse values will have no effect until the part leaves Programming mode. This does not apply to
the EESAVE Fuse which will take effect once it is programmed. The fuses are also latched on
Power-up in Normal mode.
25.3
Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and parallel mode, also when the device is locked. The three
bytes reside in a separate address space. For the ATmega164P/324P/644P the signature bytes
are given in Table 25-6.
25.4
Calibration Byte
The ATmega164P/324P/644P has a byte calibration value for the internal RC Oscillator. This
byte resides in the high byte of address 0x000 in the signature address space. During reset, this
byte is automatically written into the OSCCAL Register to ensure correct frequency of the cali-
brated RC Oscillator.
25.5
Page Size
Table 25-6.
Device and JTAG ID
Part
Signature Bytes Address
JTAG
0x000
0x001
0x002
Part Number
Manufacture ID
ATmega164P
0x1E
0x94
0x0A
940A
0x1F
ATmega324P
0x1E
0x95
0x08
9508
0x1F
ATmega644P
0x1E
0x96
0x0A
960A
0x1F
Table 25-7.
No. of Words in a Page and No. of Pages in the Flash
Device
Flash Size
Page Size
PCWORD
No. of Pages
PCPAGE
PCMSB
ATmega164P
8K words (16 Kbytes)
64 words
PC[5:0]
128
PC[12:6]
12
ATmega324P
16K words (32 Kbytes)
64 words
PC[5:0]
256
PC[13:6]
13
ATmega644P
32K words (64 Kbytes)
128 words
PC[6:0]
256
PC[14:7]
14
Table 25-8.
No. of Words in a Page and No. of Pages in the EEPROM
Device
EEPROM Size
Page Size
PCWORD
No. of Pages
PCPAGE
EEAMSB
ATmega164P
512 bytes
4 bytes
EEA[1:0]
128
EEA[8:2]
8
ATmega324P
1 Kbytes
4 bytes
EEA[1:0]
256
EEA[9:2]
9
ATmega644P
2 Kbytes
8 bytes
EEA[2:0]
256
EEA[10:3]
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com