Electronic Components Datasheet Search
  English  ▼

X  

ATmega164P Datasheet(PDF) 337 Page - ATMEL Corporation

Part # ATmega164P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega164P Datasheet(HTML) 337 Page - ATMEL Corporation

Back Button ATmega164P Datasheet HTML 333Page - ATMEL Corporation ATmega164P Datasheet HTML 334Page - ATMEL Corporation ATmega164P Datasheet HTML 335Page - ATMEL Corporation ATmega164P Datasheet HTML 336Page - ATMEL Corporation ATmega164P Datasheet HTML 337Page - ATMEL Corporation ATmega164P Datasheet HTML 338Page - ATMEL Corporation ATmega164P Datasheet HTML 339Page - ATMEL Corporation ATmega164P Datasheet HTML 340Page - ATMEL Corporation ATmega164P Datasheet HTML 341Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 377 page
background image
337
7674F–AVR–09/09
ATmega164P/324P/644P
Note:
1. 8-bit resolution
2. 7-bit resolution
3. Vref = Vcm/2
Table 26-9.
ADC Characteristics, Differential Channels
Symbol
Parameter
Condition
Min(1)
Typ(1)
Max(1)
Units
Resolution
Gain = 1x
8
Bits
Gain = 10x
8
Gain = 200x
7
TUE
Absolute Accuracy (Including
INL, DNL Quantization Error
and Offset Error)
Gain = 1x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(1)(3)
4.6
7
LSB
Gain = 10x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(1)(3)
4.8
8
Gain = 200x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(2)(3)
1.0
4
INL
Integral Non-linearity
Gain = 1x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(1)
0.2
1.5
LSB
Gain = 10x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(1)
0.2
1.5
Gain = 200x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(2)
0.25
1.5
DNL
Differential Non-linearity
Gain = 1x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(1)
0.2
1.0
LSB
Gain = 10x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(1)
0.2
1.0
Gain = 200x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(2)
0.25
1.0
Gain Error
Gain = 1x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(1)(3)
-12
-9
-4
LSB
Gain = 10x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(1)(3)
-12
-9
-4
Gain = 200x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(2)(3)
-3
-1
3
Offset Error
Gain = 1x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(1)(3)
-4
0.25
4
LSB
Gain = 10x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(1)(3)
-4
0.20
4
Gain = 200x, VCC =5 V, VREF = 4V
ADC clock = 200 kHz(2)(3)
-3
0.20
3
Conversion Time
65
260
µs
Clock Frequency
50
200
kHz
AVCC
Analog Supply Voltage
V
CC -
0.3
V
CC +
0.3
V
VREF
Reference Voltage
2.56
AVCC
- 0.5
V
V
IN
Input Differential Voltage
0
AVCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com