Electronic Components Datasheet Search
  English  ▼

X  

ATmega48 Datasheet(PDF) 226 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 226 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 222Page - ATMEL Corporation ATmega48 Datasheet HTML 223Page - ATMEL Corporation ATmega48 Datasheet HTML 224Page - ATMEL Corporation ATmega48 Datasheet HTML 225Page - ATMEL Corporation ATmega48 Datasheet HTML 226Page - ATMEL Corporation ATmega48 Datasheet HTML 227Page - ATMEL Corporation ATmega48 Datasheet HTML 228Page - ATMEL Corporation ATmega48 Datasheet HTML 229Page - ATMEL Corporation ATmega48 Datasheet HTML 230Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 340 page
background image
226
7530H–AVR–02/09
ATmega48/88/168 Automotive
Table 19-5.
Status Codes for Slave Receiver Mode
Status
Code
(TWSR)
Prescaler
Bits
are 0
Status of the 2-wire Seri-
al Bus and 2-wire Serial
Interface Hardware
Application Software Response
Next Action Taken by TWI Hardware
To/from
TWDR
To TWCR
ST
A
ST
O
TWI
NT
TW
EA
0x60
Own SLA+W has been
received;
ACK has been returned
No TWDR ac-
tion or
No TWDR ac-
tion
X
X
0
0
1
1
0
1
Data byte will be received and NOT ACK
will be
returned
Data byte will be received and ACK will
be returned
0x68
Arbitration
lost
in
SLA+R/W
as
Master;
own SLA+W has been
received; ACK has been
returned
No TWDR ac-
tion or
No TWDR ac-
tion
X
X
0
0
1
1
0
1
Data byte will be received and NOT ACK
will be
returned
Data byte will be received and ACK will
be returned
0x70
General call address has
been
received; ACK has been
returned
No TWDR ac-
tion or
No TWDR ac-
tion
X
X
0
0
1
1
0
1
Data byte will be received and NOT ACK
will be
returned
Data byte will be received and ACK will
be returned
0x78
Arbitration
lost
in
SLA+R/W
as
Master;
General call address has
been received; ACK has
been
returned
No TWDR ac-
tion or
No TWDR ac-
tion
X
X
0
0
1
1
0
1
Data byte will be received and NOT ACK
will be
returned
Data byte will be received and ACK will
be returned
0x80
Previously
addressed
with own SLA+W; data
has been received; ACK
has been returned
Read
data
byte or
Read
data
byte
X
X
0
0
1
1
0
1
Data byte will be received and NOT ACK
will be
returned
Data byte will be received and ACK will
be returned
0x88
Previously
addressed
with own SLA+W; data
has been received; NOT
ACK has been returned
Read
data
byte or
Read
data
byte or
Read
data
byte or
Read
data
byte
0
0
1
1
0
0
0
0
1
1
1
1
0
1
0
1
Switched to the not addressed Slave
mode;
no recognition of own SLA or GCA
Switched to the not addressed Slave
mode;
own SLA will be recognized;
GCA will be recognized if TWGCE = “1”
Switched to the not addressed Slave
mode;
no recognition of own SLA or GCA;
a START condition will be transmitted
when the bus
becomes free
Switched to the not addressed Slave
mode;
own SLA will be recognized;
GCA will be recognized if TWGCE = “1”;
a START condition will be transmitted
when the bus
becomes free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com