Electronic Components Datasheet Search
  English  ▼

X  

ATmega48 Datasheet(PDF) 338 Page - ATMEL Corporation

Part # ATmega48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 338 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 332Page - ATMEL Corporation ATmega48 Datasheet HTML 333Page - ATMEL Corporation ATmega48 Datasheet HTML 334Page - ATMEL Corporation ATmega48 Datasheet HTML 335Page - ATMEL Corporation ATmega48 Datasheet HTML 336Page - ATMEL Corporation ATmega48 Datasheet HTML 337Page - ATMEL Corporation ATmega48 Datasheet HTML 338Page - ATMEL Corporation ATmega48 Datasheet HTML 339Page - ATMEL Corporation ATmega48 Datasheet HTML 340Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 338 / 340 page
background image
338
7530H–AVR–02/09
ATmega48/88/168 Automotive
28
ATmega48/88/168 Typical Characteristics ........................................ 307
28.1
Active Supply Current ....................................................................................307
29
Register Summary ............................................................................... 318
30
Instruction Set Summary .................................................................... 322
31
Ordering Information ........................................................................... 325
31.1
ATmega48 .....................................................................................................325
31.2
ATmega88 .....................................................................................................325
31.3
ATmega168 ...................................................................................................325
32
Packaging Information ........................................................................ 326
32.1
MA .................................................................................................................326
32.2
PN ..................................................................................................................327
33
Errata ATmega48 ................................................................................. 328
33.1
Rev. E ............................................................................................................328
33.2
Rev. D ............................................................................................................328
33.3
Rev. A ............................................................................................................328
34
Errata ATmega88 ................................................................................. 329
34.1
Rev. G ...........................................................................................................329
34.2
Rev. E ............................................................................................................329
35
Errata ATmega168 ............................................................................... 330
35.1
Rev. F ............................................................................................................330
35.2
Rev. E ............................................................................................................330
36
Document Revision History ................................................................ 331
36.1
Rev. 7530A-AVR-08/05 .................................................................................331
36.2
Changes from
Rev. 7530A-AVR-08/05 to Rev. 7530B-AVR-03/06 ......................................331
36.3
Changes from
Rev. 7530B-AVR-03/06 to Rev. 7530C-AVR-09/06 ......................................331
36.4
Changes from
Rev. 7530C-AVR-09/06 to Rev. 7530D-AVR-02/07 .......................................332
36.5
Changes from
Rev. 7530D-AVR-02/07 to Rev. 7530E-AVR-03/07 ......................................332
36.6
Changes from
Rev. 7530E-AVR-03/07 to Rev. 7530F-AVR-09/07 .......................................332
36.7
Changes from
Rev. 7530F-AVR-09/07 to Rev. 7530G-AVR-10/07 ......................................332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com