Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261-ESXZ Datasheet(PDF) 144 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 144 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 140Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 141Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 142Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 143Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 144Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 145Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 146Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 147Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 148Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 227 page
background image
144
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
19. ADC – Analog to Digital Converter
19.1
Features
• 10-bit Resolution
• 1.0 LSB Integral Non-linearity
• ± 2 LSB Absolute Accuracy
• 65 - 260 µs Conversion Time
• Up to 15 kSPS at Maximum Resolution
• 11 Multiplexed Single Ended Input Channels
• 16 Differential input pairs
• 15 Differential input pairs with selectable gain
• Temperature sensor input channel
• Optional Left Adjustment for ADC Result Readout
• 0 - V
CC ADC Input Voltage Range
• Selectable 1.1V / 2.56V ADC Voltage Reference
• Free Running or Single Conversion Mode
• ADC Start Conversion by Auto Triggering on Interrupt Sources
• Interrupt on ADC Conversion Complete
• Sleep Mode Noise Cancel
• Unipolar/ Bipolar Input Mode
• Input Polarity Reversal Mode
19.2
Overview
The ATtiny261/461/861 features a 10-bit successive approximation ADC. The ADC is connected
to a 11-channel Analog Multiplexer which allows 16 differential voltage input combinations and
11 single-ended voltage inputs constructed from the pins PA7..PA0 or PB7..PB4. The differential
input is equipped with a programmable gain stage, providing amplification steps of 1x, 8x, 20x or
32x on the differential input voltage before the A/D conversion. The single-ended voltage inputs
refer to 0V (GND).
The ADC contains a Sample and Hold circuit which ensures that the input voltage to the ADC is
held at a constant level during conversion. A block diagram of the ADC is shown in Figure 19-1.
Internal reference voltages of nominally 1.1V or 2.56V are provided On-chip. The Internal refer-
ence voltage of 2.56V, can optionally be externally decoupled at the AREF (PA3) pin by a
capacitor, for better noise performance. Alternatively, V
CC can be used as reference voltage for
single ended channels. There is also an option to use an external voltage reference and turn-off
the internal voltage reference. These options are selected using the REFS2:0 bits of the ADMUX
control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com