Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261-ESXZ Datasheet(PDF) 171 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 171 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 167Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 168Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 169Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 170Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 171Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 172Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 173Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 174Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 175Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 227 page
background image
171
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
22. Memory Programming
This section describes the different methods for Programming the ATtiny261/461/861 memories.
22.1
Program And Data Memory Lock Bits
The ATtiny261/461/861 provides two Lock bits which can be left unprogrammed (“1”) or can be
programmed (“0”) to obtain the additional security listed in Table 22-2. The Lock bits can only be
erased to “1” with the Chip Erase command. The ATtiny261/461/861 has no separate Boot
Loader section. The SPM instruction is enabled for the whole Flash, if the SELFPROGEN fuse is
programmed (“0”), otherwise it is disabled.
Note:
1. “1” means unprogrammed, “0” means programmed
Notes:
1. Program the Fuse bits before programming the LB1 and LB2.
2. “1” means unprogrammed, “0” means programmed
Table 22-1.
Lock Bit Byte
(1)
Lock Bit Byte
Bit No
Description
Default Value
7
–
1 (unprogrammed)
6
–
1 (unprogrammed)
5
–
1 (unprogrammed)
4
–
1 (unprogrammed)
3
–
1 (unprogrammed)
2
–
1 (unprogrammed)
LB2
1
Lock bit
1 (unprogrammed)
LB1
0
Lock bit
1 (unprogrammed)
Table 22-2.
Lock Bit Protection Modes(1)(2)
Memory Lock Bits
Protection Type
LB Mode
LB2
LB1
1
1
1
No memory lock features enabled.
21
0
Further programming of the Flash and EEPROM is disabled in
High-voltage and Serial Programming mode. The Fuse bits are
locked in both Serial and High-voltage Programming mode.(1)
30
0
Further programming and verification of the Flash and EEPROM
is disabled in High-voltage and Serial Programming mode. The
Fuse bits are locked in both Serial and High-voltage
Programming mode.(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com