Electronic Components Datasheet Search
  English  ▼

X  

ATmega328P Datasheet(PDF) 254 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 254 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 250Page - ATMEL Corporation ATmega328P Datasheet HTML 251Page - ATMEL Corporation ATmega328P Datasheet HTML 252Page - ATMEL Corporation ATmega328P Datasheet HTML 253Page - ATMEL Corporation ATmega328P Datasheet HTML 254Page - ATMEL Corporation ATmega328P Datasheet HTML 255Page - ATMEL Corporation ATmega328P Datasheet HTML 256Page - ATMEL Corporation ATmega328P Datasheet HTML 257Page - ATMEL Corporation ATmega328P Datasheet HTML 258Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 345 page
background image
254
7810A–AVR–11/09
ATmega328P [Preliminary]
23.7
ADC Conversion Result
After the conversion is complete (ADIF is high), the conversion result can be found in the ADC
Result Registers (ADCL, ADCH).
For single ended conversion, the result is
where V
IN is the voltage on the selected input pin and VREF the selected voltage reference (see
Table 23-3 on page 256 and Table 23-4 on page 257). 0x000 represents analog ground, and
0x3FF represents the selected reference voltage minus one LSB.
23.8
Temperature Measurement
The temperature measurement is based on an on-chip temperature sensor that is coupled to a
single ended ADC input. MUX[4..0] bits in ADMUX register enables the temperature sensor. The
internal 1.1V voltage reference must also be selected for the ADC voltage reference source in
the temperature sensor measurement. When the temperature sensor is enabled, the ADC con-
verter can be used in single conversion mode to measure the voltage over the temperature
sensor.
The measured voltage has a linear relationship to the temperature as described in Table 23-2 on
page 254.
The voltage sensitivity is approximately 1LSB/°C and the accuracy of the temperature measure-
ment is ±10°C using manufacturing calibration values (TS_GAIN, TS_OFFSET).
The values described in Table 23-2 on page 254 are typical values. However, due to the process
variation the temperature sensor output varies from one chip to another.
23.8.1
Manufacturing Calibration
Calibration values determined during test are available in the signature row.
The temperature in degrees Celsius can be calculated using the formula:
ADC
VIN 1024
⋅
VREF
-----------------------------
=
Table 23-2.
Sensor output code vs Temperature (typical values)
Temperature / °C
-40°C
+25 °C
+125 °C
0x010D
0x0160
0x01E0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com