Electronic Components Datasheet Search
  English  ▼

X  

ATmega328P Datasheet(PDF) 296 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 296 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 292Page - ATMEL Corporation ATmega328P Datasheet HTML 293Page - ATMEL Corporation ATmega328P Datasheet HTML 294Page - ATMEL Corporation ATmega328P Datasheet HTML 295Page - ATMEL Corporation ATmega328P Datasheet HTML 296Page - ATMEL Corporation ATmega328P Datasheet HTML 297Page - ATMEL Corporation ATmega328P Datasheet HTML 298Page - ATMEL Corporation ATmega328P Datasheet HTML 299Page - ATMEL Corporation ATmega328P Datasheet HTML 300Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 345 page
background image
296
7810A–AVR–11/09
ATmega328P [Preliminary]
5.
E: Latch data (give PAGEL a positive pulse).
K: Repeat 3 through 5 until the entire buffer is filled.
L: Program EEPROM page
1.
Set BS1 to “0”.
2.
Give WR a negative pulse. This starts programming of the EEPROM page. RDY/BSY
goes low.
3.
Wait until to RDY/BSY goes high before programming the next page (See Figure 27-4 for
signal waveforms).
Figure 27-4. Programming the EEPROM Waveforms
27.7.6
Reading the Flash
The algorithm for reading the Flash memory is as follows (refer to “Programming the Flash” on
page 293 for details on Command and Address loading):
1.
A: Load Command “0000 0010”.
2.
G: Load Address High Byte (0x00 - 0xFF).
3.
B: Load Address Low Byte (0x00 - 0xFF).
4.
Set OE to “0”, and BS1 to “0”. The Flash word low byte can now be read at DATA.
5.
Set BS1 to “1”. The Flash word high byte can now be read at DATA.
6.
Set OE to “1”.
27.7.7
Reading the EEPROM
The algorithm for reading the EEPROM memory is as follows (refer to “Programming the Flash”
on page 293 for details on Command and Address loading):
1.
A: Load Command “0000 0011”.
2.
G: Load Address High Byte (0x00 - 0xFF).
3.
B: Load Address Low Byte (0x00 - 0xFF).
4.
Set OE to “0”, and BS1 to “0”. The EEPROM Data byte can now be read at DATA.
5.
Set OE to “1”.
RDY/BSY
WR
OE
RESET +12V
PAGEL
BS2
0x11
ADDR. HIGH
DATA
ADDR. LOW
DATA
ADDR. LOW
DATA
XX
XA1
XA0
BS1
XTAL1
XX
AG
B
C
E
B
C
E
L
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com