Electronic Components Datasheet Search
  English  ▼

X  

ATmega328P Datasheet(PDF) 312 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 312 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 308Page - ATMEL Corporation ATmega328P Datasheet HTML 309Page - ATMEL Corporation ATmega328P Datasheet HTML 310Page - ATMEL Corporation ATmega328P Datasheet HTML 311Page - ATMEL Corporation ATmega328P Datasheet HTML 312Page - ATMEL Corporation ATmega328P Datasheet HTML 313Page - ATMEL Corporation ATmega328P Datasheet HTML 314Page - ATMEL Corporation ATmega328P Datasheet HTML 315Page - ATMEL Corporation ATmega328P Datasheet HTML 316Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 345 page
background image
312
7810A–AVR–11/09
ATmega328P [Preliminary]
Figure 28-5. 2-wire Serial Bus Timing
28.9
ADC Characteristics
28.10 Parallel Programming Characteristics
tSU;STA
tLOW
tHIGH
tLOW
tof
tHD;STA
tHD;DAT
tSU;DAT
tSU;STO
tBUF
SCL
SDA
tr
Table 28-8.
ADC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
-40°c +125°c / 2.70 - 5.50V
ADC clock = 200kHz
10
bits
TUE
Absolute accuracy
Vcc = 4.0v, VRef = 4.0v
2.2
3.5
LSB
INL
Integral Non Linearity
Vcc = 4.0v, VRef = 4.0v
0.6
1.5
LSB
DNL
Differential Non Linearity
Vcc = 4.0v, VRef = 4.0v
0.3
0.7
LSB
Gain error
Vcc = 4.0v, VRef = 4.0v
-3.5
3.5
LSB
Offset error
Vcc = 4.0v, VRef = 4.0v
-3.5
3.5
LSB
Clock frequency
50
200
kHz
AVcc
Analog Supply Voltage
Vcc –0.3
Vcc +0.3
V
VRef
Reference Voltage
1.0
AVcc
V
Vin
Input Voltage
GND
VRef
V
Vint
Internal Voltage Reference
Vcc = 5v
1.0
1.1
1.2
V
Rref
Reference Input resistance
22.4
32
41.6
kΩ
Rain
Analog input resistance
100
MΩ
Table 28-9.
Parallel Programming Characteristics, V
CC = 5V ± 10%
Symbol
Parameter
Min
Typ
Max
Units
VPP
Programming Enable Voltage
11.5
12.5
V
IPP
Programming Enable Current
250
µA
tDVXH
Data and Control Valid before XTAL1 High
67
ns
tXLXH
XTAL1 Low to XTAL1 High
200
ns
tXHXL
XTAL1 Pulse Width High
150
ns
tXLDX
Data and Control Hold after XTAL1 Low
67
ns
tXLWL
XTAL1 Low to WR Low
0
ns
tXLPH
XTAL1 Low to PAGEL high
0
ns
tPLXH
PAGEL low to XTAL1 high
150
ns
tBVPH
BS1 Valid before PAGEL High
67
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com