Electronic Components Datasheet Search
  English  ▼

X  

ATmega328P Datasheet(PDF) 317 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 317 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 313Page - ATMEL Corporation ATmega328P Datasheet HTML 314Page - ATMEL Corporation ATmega328P Datasheet HTML 315Page - ATMEL Corporation ATmega328P Datasheet HTML 316Page - ATMEL Corporation ATmega328P Datasheet HTML 317Page - ATMEL Corporation ATmega328P Datasheet HTML 318Page - ATMEL Corporation ATmega328P Datasheet HTML 319Page - ATMEL Corporation ATmega328P Datasheet HTML 320Page - ATMEL Corporation ATmega328P Datasheet HTML 321Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 345 page
background image
317
7810A–AVR–11/09
ATmega328P [Preliminary]
29.1.2
Power-down Supply Current
Figure 29-3. Power-Down Supply Current vs. V
CC (Watchdog Timer Disabled).
Figure 29-4. Power-Down Supply Current vs. V
CC (Watchdog Timer Enabled).
POWER-DOW N SUPPLY CURRENT vs. VCC
WA TCHDOG TIMER DISABL ED - V t low par ts excluded
0
5
10
15
20
25
2
2 .5
33.5
44.5
55.5
V
CC (V )
125
85
25
-45
POW ER-DOWN SUPPLY CURRENT vs. VCC
WATCHDOG TIMER ENA BLED - VtLow parts excluded
0
5
10
15
20
25
30
35
2
2.5
33.5
4
4.5
55 .5
V
CC (V )
125
85
25
-45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com