Electronic Components Datasheet Search
  English  ▼

X  

ATmega328P Datasheet(PDF) 333 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 333 Page - ATMEL Corporation

Back Button ATmega328P Datasheet HTML 329Page - ATMEL Corporation ATmega328P Datasheet HTML 330Page - ATMEL Corporation ATmega328P Datasheet HTML 331Page - ATMEL Corporation ATmega328P Datasheet HTML 332Page - ATMEL Corporation ATmega328P Datasheet HTML 333Page - ATMEL Corporation ATmega328P Datasheet HTML 334Page - ATMEL Corporation ATmega328P Datasheet HTML 335Page - ATMEL Corporation ATmega328P Datasheet HTML 336Page - ATMEL Corporation ATmega328P Datasheet HTML 337Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 345 page
background image
333
7810A–AVR–11/09
ATmega328P [Preliminary]
32. Ordering Information
32.1
ATmega328P
Notes:
1. Pb-free packaging complies to the European Directive for Restriction of Hazardous Substances (RoHS directive).Also
Halide free and fully Green.
2. See Figure 28-3 on page 309.
Speed (MHz)(2)
Power Supply
Ordering Code
Package(1)
Operational Range
16
2.7 - 5.5
ATmega328P- 15AZ
MA
Automotive
(-40°C to 125°C)
16
2.7 - 5.5
ATmega328P- 15MZ
PN
Automotive
(-40°C to 125°C)
Package Type
MA
MA, 32 - Lead, 7x7 mm Body Size, 1.0 mm Body Thickness 0.5 mm Lead Pitch, Thin Profile Plastic Quad Flat
Package (TQFP)
PN
PN, 32-Lead, 5.0x5.0 mm Body, 0.50 mm, Quad Flat No Lead Package (QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com